Electronic Components Datasheet Search
  English  ▼

X  

LTC2926 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2926
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926 Datasheet(HTML) 2 Page - Linear Technology

  LTC2926 Datasheet HTML 1Page - Linear Technology LTC2926 Datasheet HTML 2Page - Linear Technology LTC2926 Datasheet HTML 3Page - Linear Technology LTC2926 Datasheet HTML 4Page - Linear Technology LTC2926 Datasheet HTML 5Page - Linear Technology LTC2926 Datasheet HTML 6Page - Linear Technology LTC2926 Datasheet HTML 7Page - Linear Technology LTC2926 Datasheet HTML 8Page - Linear Technology LTC2926 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2926
2
2926fa
Supply Voltage (VCC) ................................. –0.3V to 10V
Input Voltages
ON ......................................................... –0.3V to 10V
RAMP .............................................–0.3V to VCC + 1V
TRACK1, TRACK2 ........................–0.3V to VCC + 0.3V
PGTMR ........................................–0.3V to VCC + 0.3V
Input/Output Voltages
FAULT .................................................... –0.3V to 10V
STATUS/PGI (Note 3).......................... –0.3V to 11.5V
Output Voltages
RAMPBUF....................................–0.3V to VCC + 0.3V
FB1, FB2, D1, S1, D2, S2 ....................... –0.3V to 10V
MGATE, RSGATE (Note 3)................... –0.3V to 11.5V
SGATE1, SGATE2 (Note 3) .................. –0.3V to 11.5V
(Notes 1, 2)
RMS Currents
TRACK1, TRACK2 ................................................5mA
FB1, FB2 ..............................................................5mA
D1, S1, D2, S2 ...................................................30mA
Operating Temperature
LTC2926C ................................................ 0°C to 70°C
LTC2926I ............................................. –40°C to 85°C
Storage Temperature Range
GN Package ....................................... –65°C to 150°C
UFD Package...................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
GN Package ...................................................... 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
GN PACKAGE
20-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VCC
TRACK1
FB1
S1
SGATE1
D1
ON
PGTMR
FAULT
GND
RAMPBUF
TRACK2
FB2
S2
SGATE2
D2
STATUS/PGI
RSGATE
MGATE
RAMP
TJMAX = 125°C, θJA = 85°C/W
20 19 18 17
7
8
TOP VIEW
UFD PACKAGE
20-LEAD (4mm
× 5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
21
13
14
15
16
FB1
S1
SGATE1
D1
ON
PGTMR
FB2
S2
SGATE2
D2
STATUS/PGI
RSGATE
EXPOSED PAD (PIN 21) IS GND
PCB CONNECTION OPTIONAL
TJMAX = 125°C, θJA = 43°C/W
ORDER PART NUMBER
ORDER PART NUMBER
UFD PART MARKING*
LTC2926CGN
LTC2926IGN
LTC2926CUFD
LTC2926IUFD
2926
2926
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.*The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com