Electronic Components Datasheet Search
  English  ▼

X  

LTC2928 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2928
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2928 Datasheet HTML 2Page - Linear Technology LTC2928 Datasheet HTML 3Page - Linear Technology LTC2928 Datasheet HTML 4Page - Linear Technology LTC2928 Datasheet HTML 5Page - Linear Technology LTC2928 Datasheet HTML 6Page - Linear Technology LTC2928 Datasheet HTML 7Page - Linear Technology LTC2928 Datasheet HTML 8Page - Linear Technology LTC2928 Datasheet HTML 9Page - Linear Technology LTC2928 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2928
6
2928f
TYPICAL PERFORMANCE CHARACTERISTICS
IVCC vs VCC
IHVCC vs HVCC
Regulated VCC vs Temperature
Regulated VCC vs HVCC
Regulated VCC vs IREG
Enable Output Voltage in
On State vs VCC
Enable Output Voltage vs Enable
Output Current and VCC
Under Voltage Monitor Threshold
(100%) vs Temperature
V1 Negative Threshold vs
Temperature
VCC (V)
2.5
0
2
1
3
4
5
3
3.5
4
4.5
2928 G08
5
5.5
85
°C
HVCC = GND
25
°C
–40
°C
6
HVCC (V)
7
0.75
0.85
0.8
0.9
0.95
1
9
11
13
2928 G09
15
85
°C
25
°C
–40
°C
17
IREG = 0
TEMPERATURE (
°C)
–50
3.2
3.3
3.25
3.35
3.4
–25
0
25
50
2928 G10
75
HVCC = 12V
HVCC = 7.2V
100
HVCC = 16.5V
IREG = 0
HVCC (V)
7
3.2
3.3
3.25
3.35
3.4
9
11
13
15
2928 G11
17
IREG = 0
IREG (mA)
0
3.2
3.3
3.25
3.35
3.4
–2
–4
–6
–8
2928 G12
–10
25
°C
85
°C
–40
°C
HVCC = 12V
VCC (V)
0
0
6
4
8
2
10
12
1
2
3
4
5
2928 G13
6
IEN ( A)
0
0
6
4
8
2
10
12
–2
–4
–6
–8
–10
2928 G14
–12
VCC = 6V
VCC = 3V
TEMPERATURE (
°C)
–50
0.492
0.494
0.496
0.498
0.5
0.504
0.502
0.506
0.508
–25
0
25
50
2928 G07
75
100
TEMPERATURE (
°C)
–50
–18
–12
–6
6
0
12
18
–25
0
25
50
2928 G06
75
100
VSEL = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com