Electronic Components Datasheet Search
  English  ▼

X  

LTC2927CDDB Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2927CDDB
Description  Single Power Supply Tracking Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927CDDB Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2927CDDB Datasheet HTML 8Page - Linear Technology LTC2927CDDB Datasheet HTML 9Page - Linear Technology LTC2927CDDB Datasheet HTML 10Page - Linear Technology LTC2927CDDB Datasheet HTML 11Page - Linear Technology LTC2927CDDB Datasheet HTML 12Page - Linear Technology LTC2927CDDB Datasheet HTML 13Page - Linear Technology LTC2927CDDB Datasheet HTML 14Page - Linear Technology LTC2927CDDB Datasheet HTML 15Page - Linear Technology LTC2927CDDB Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2927
14
2927fb
Start-Up Delays
Often power supplies do not start-up immediately when
their input supplies are applied. If the LTC2927 tries to
ramp-up these power supplies as soon as the input sup-
ply is present, the start-up of the outputs may be delayed,
defeating the tracking circuit (Figure 18). Often this delay is
intentionally configured by a soft-start capacitor. This can
be remedied either by reducing the soft-start capacitor on
the slave supply or by including a capacitor in the ON pin’s
resistive divider to delay the ramp up. See Figure 19.
Figure 20. Layout Considerations
Layout Considerations
Be sure to place a 0.1μF bypass capacitor as near as pos-
sible to the supply pin of the LTC2927.
To minimize the noise on the slave supply’s output, keep
the trace connecting the FB pin of the LTC2927 and the
feedback node of the slave supply as short as possible.
In addition, do not route this trace next to signals with
fast transition times. In some circumstances it might be
advantageous to add a resistor near the feedback node of
the slave supply in series with the FB pin of the LTC2927.
This resistor must not exceed:
R
VV
I
V
V
RR
SERIES
FB
MAX
FB
FA
FB
=
−
=−
⎛
⎝⎜
⎞
⎠⎟()
15
15
1
..
This resistor is most effective if there is already a ca-
pacitor at the feedback node of the slave supply (often a
compensation component). Increasing the capacitance on
a slave supply’s feedback node will further improve the
noise immunity, but could affect the stability and transient
response of the supply.
VCC
2927 F20
LTC2927
FB
GND
DC/DC
FB
OUT
0.1μF
MINIMIZE
TRACE
LENGTH
RFB
RFA
RSERIES
APPLICATIO S I FOR ATIO
Figure 18. Power Supply Start-Up Delayed
Figure 19. ON Pin Delayed
2927 F18
1V/DIV
20ms/DIV
MASTER
SLAVE
ON
2927 F19
1V/DIV
5ms/DIV
MASTER
SLAVE
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com