Electronic Components Datasheet Search
  English  ▼

X  

LTC2927CDDB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2927CDDB
Description  Single Power Supply Tracking Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927CDDB Datasheet(HTML) 5 Page - Linear Technology

  LTC2927CDDB Datasheet HTML 1Page - Linear Technology LTC2927CDDB Datasheet HTML 2Page - Linear Technology LTC2927CDDB Datasheet HTML 3Page - Linear Technology LTC2927CDDB Datasheet HTML 4Page - Linear Technology LTC2927CDDB Datasheet HTML 5Page - Linear Technology LTC2927CDDB Datasheet HTML 6Page - Linear Technology LTC2927CDDB Datasheet HTML 7Page - Linear Technology LTC2927CDDB Datasheet HTML 8Page - Linear Technology LTC2927CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2927
5
2927fb
0.8V
–
+
0.2V
10μA
10μA
–
+
5
RAMPBUF
5
RAMP
2927 BD
5
VCC
5
GND
5
SDO
5
FB
5
ON
5
TRACK
1.23V
–
+
VCC
2.5V
VCC
UVLO
VCC
1x
FU CTIO AL BLOCK DIAGRA
TSOT/DFN Packages
PI FU CTIO S
GND (Pin 4/Pin 5): Device Ground.
TRACK (Pin 5/Pin 4): Tracking Control Input. A resistive
voltage divider between RAMPBUF and TRACK determines
the tracking profile of the slave supply. TRACK servos to
0.8V, and the current supplied at TRACK is mirrored at FB.
The TRACK pin is capable of supplying at least 1mA when
VCC = 2.9V. Under short circuit conditions, the TRACK pin
is capable of supplying up to 70mA. Do not connect to
GND for extended periods. Limit the capacitance at the
TRACK pin to less than 25pF.
RAMPBUF (Pin 6/Pin 3): Ramp Buffer Output. Provides
a low impedance buffered version of the signal on the
RAMP pin. This buffered output drives the resistive volt-
age divider that connects to the TRACK pin. Limit the
capacitance at the RAMPBUF pin to less than 100pF. Float
RAMPBUF if unused.
RAMP (Pin 7/Pin 2): Ramp Buffer Input. The RAMP pin is
the input to the voltage buffer whose output drives a resis-
tive voltage divider connected to the TRACK pin. Connect
this input to a capacitor to set the ramp voltage generated
from internal 10μA pull-up or pull-down currents. RAMP
can also be connected to an external ramping signal for
tracking. Ground RAMP if unused.
ON (Pin 8/Pin 1): On Control Input. The voltage level of
the ON pin relative to its 1.23V threshold (with 75mV
hysteresis) controls the tracking direction of the LTC2927.
An active high causes a 10μA pull-up current to flow at
the RAMP pin, which charges an external capacitor. An
active low at the ON pin causes a 10μA pull-down cur-
rent at the RAMP pin to discharge the external capacitor
relative to GND.
Exposed Pad (NA/Pin 9): Exposed pad may be left open
or connected to device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com