Electronic Components Datasheet Search
  English  ▼

X  

LTC3250 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Datasheet(HTML) 4 Page - Linear Technology

  LTC3250 Datasheet HTML 1Page - Linear Technology LTC3250 Datasheet HTML 2Page - Linear Technology LTC3250 Datasheet HTML 3Page - Linear Technology LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
4
3250fa
Output Voltage Soft-Start and
Shutdown (LTC3250-1.5)
Output Current Transient
Response (LTC3250-1.5)
Line Transient Response
(LTC3250-1.5)
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Ripple
(LTC3250-1.5)
Input Voltage Ripple vs Input
Capacitor (LTC3250-1.5)
250mA
15mA
IOUT
VOUT
20mV/DIV
AC
VIN = 3.6V
3250 G08
3250 G09
4.5V
3.5V
VIN
VOUT
20mV/DIV
AC
IOUT = 200mA
VIN
50mV/DIV
AC
VIN
50mV/DIV
AC
IOUT = 250mA
RSOURCE = 0.2Ω
3250 G10
CI = 1µF
CI = 10µF
VOUT
20mV/DIV
AC
3250 G11
COUT = 4.7µF 1X5R16.3V
IOUT = 250mA
VIN = 3.6V
HI
LOW
SHDN
VOUT
500mV/DIV
RL = 6Ω
VIN = 3.6V
3250 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com