Electronic Components Datasheet Search
  English  ▼

X  

LTC3250 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3250 Datasheet HTML 2Page - Linear Technology LTC3250 Datasheet HTML 3Page - Linear Technology LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology LTC3250 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
6
3250fa
The LTC3250-1.5/LTC3250-1.2 use a switched capacitor
charge pump to step down VIN to a regulated 1.5V ±4% or
1.2V
±4% (respectively) output voltage. Regulation is
achieved by sensing the output voltage through an internal
resistor divider and modulating the charge pump output
current based on the error signal. A 2-phase nonoverlapping
clock activates the charge pump switches. On the first
phase of the clock current is transferred from VIN, through
the flying capacitor, to VOUT. Not only is current being
delivered to VOUT on the first phase, but the flying capaci-
tor is also being charged up. On the second phase of the
clock the flying capacitor is connected from VOUT to
ground, delivering the charge stored during the first phase
of the clock to VOUT. Using this method of switching, only
half of the output current is delivered from VIN, thus
achieving twice the efficiency over a conventional LDO.
The sequence of charging and dis-charging the flying
capacitor continues at a free running frequency of 1.5MHz
(typ). This constant frequency architecture provides a low
noise regulated output as well as lower input noise than
conventional switch-capacitor charge pump regulators.
The part also has a low current Burst Mode operation to
improve efficiency even at light loads.
In shutdown mode all circuitry is turned off and the
LTC3250-1.5/LTC3250-1.2 draw only leakage current from
the VIN supply. Furthermore, VOUT is disconnected from
VIN. The SHDN pin is a CMOS input with a threshold
voltage of approximately 0.8V. The LTC3250-1.5/LTC3250-
1.2 are in shutdown when a logic low is applied to the
SHDN pin. Since the SHDN pin is a high impedance CMOS
input it should never be allowed to float. To ensure that its
state is defined it must always be driven with a valid logic
level.
Short-Circuit/Thermal Protection
The LTC3250-1.5/LTC3250-1.2 have built-in short-circuit
current limiting as well as overtemperature protection.
During short-circuit conditions, the parts will automati-
cally limit the output current to approximately 500mA. At
higher temperatures, or if the input voltage is high enough
to cause excessive self heating on chip, thermal shutdown
circuitry will shut down the charge pump once the junction
temperature exceeds approximately 160
°C.Itwillreenable
the charge pump once the junction temperature drops
back to approximately 150
°C.TheLTC3250-1.5/LTC3250-
1.2 will cycle in and out of thermal shutdown without latch-
up or damage until the short-circuit on VOUT is removed.
Long term overstress (IOUT > 350mA, and/or TJ > 140°C)
should be avoided as it can degrade the performance of the
part.
Soft-Start
To prevent excessive current flow at VIN during start-up,
the LTC3250-1.5/LTC3250-1.2 have a built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 500
µs. Soft-start is
enabled whenever the device is brought out of shutdown,
and is disabled shortly after regulation is achieved.
Low Current “Burst Mode” Operation
To improve efficiency at low output currents, Burst Mode
operation was included in the design of the LTC3250-1.5/
LTC3250-1.2. An output current sense is used to detect
when the required output current drops below an inter-
nally set threshold (30mA typ.). When this occurs, the part
shuts down the internal oscillator and goes into a low
current operating state. The LTC3250-1.5/LTC3250-1.2
will remain in the low current operating state until the
output has dropped enough to require another burst of
current. Unlike traditional charge pumps whose burst
current is dependant on many factors (i.e. supply voltage,
switch resistance, capacitor selection, etc.), the LTC3250-
1.5/LTC3250-1.2’s burst current is set by the burst thresh-
old and hysteresis. This means that the VOUT ripple voltage
in Burst Mode will be fixed and is typically 12mV for a
4.7
µF output capacitor.
Power Efficiency
The power efficiency (
η) of the LTC3250-1.5/LTC3250-
1.2 are approximately double that of a conventional linear
regulator. This occurs because the input current for a 2 to
1 step-down charge pump is approximately half the output
OPERATIO
(Refer to Simplified Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com