Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 3 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3402
3402fb
The
● denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25
°C.
VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Low Voltage
IPGOOD = 1mA
0.1
0.2
V
VOUT = 1V, IPGOOD = 20μA
0.1
0.4
V
PGOOD Leakage
VPGOOD = 5.5V
0.01
1
μA
SHDN Input High
VIN = VSHDN
1V
SHDN Input Low
0.4
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
μA
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime..
Note 2: The LTC3402E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current is measured into the VOUT pin since the supply current is
bootstrapped to the output pin and in the application will reflect to the
input supply by (VOUT/VIN) • I/Efficiency. The outputs are not switching.
Note 4: Once the output is started, the IC is not dependent upon the VIN
supply.
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Waveform on SW Pin
SW Pin and Inductor Current (IC)
in Discontinuous Mode. Ringing
Control Circuitry Eliminates High
Frequency Ringing
Transient Response 5mA to 50mA
SW
1V/DIV
50ns/DIV
3402 G01
SW
1V/DIV
200ns/DIV
3402 G02
0V
0A
IL
50mA/DIV
IOUT
COUT = 22μF
200
μs/DIV
3402 G03
L = 3.3
μH
fOSC = 1MHz
VOUT
100mV/DIV
50mA
5mA
(TA = 25°C unless otherwise noted)
Transient Response 50mA to 500mA
Burst Mode Operation
Burst Mode Operation
VOUT
200mV/DIV
550mA
50mA
COUT = 22μF
200
μs/DIV
3402 G04
L = 3.3
μH
fOSC = 1MHz
VOUT
AC
100mV/DIV
VIN = 1.2V
5ms/DIV
3402 G05
VOUT = 3.3V
COUT = 100μF
IOUT = 250μA
MODE/SYNC PIN = HIGH
SW
1V/DIV
VOUT
AC
100mV/DIV
VIN = 1.2V
200
μs/DIV
3402 G06
VOUT = 3.3V
COUT = 100μF
IOUT = 20mA
MODE/SYNC PIN = HIGH
SW
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com