Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 5 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3402
3402fb
TYPICAL PERFOR A CE CHARACTERISTICS
PMOS RDS(ON)
Start-Up Voltage
Shutdown Threshold
PGOOD Threshold
Burst Mode Operation Current
VOUT Turn-Off Voltage
TEMPERATURE (
°C)
–55
0.15
65
125
3402 G16
0.10
0.05
–15
25
105
0.20
0.25
0.30
VOUT = 3.3V
TEMPERATURE (
°C)
–55
0.8
65
125
3402 G17
0.7
0.6
–15
25
105
0.9
1.0
1.1
TEMPERATURE (
°C)
–55
0.70
65
125
3402 G18
0.60
–15
25
105
0.80
0.90
1.00
0.65
1.05
1.10
0.75
0.85
0.95
TEMPERATURE (
°C)
–55
–10.0
65
125
3402 G19
–11.0
–12.0
–15
25
105
–9.0
–8.0
–7.0
–10.5
–11.5
–9.5
–8.5
–7.5
TEMPERATURE (
°C)
–55
36
38
65
125
3402 G20
34
32
30
–15
25
105
40
42
44
TEMPERATURE (
°C)
–55
2.20
65
125
3402 G21
2.10
2.00
–15
25
105
2.30
2.40
2.50
2.15
2.05
2.25
2.35
2.45
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com