Electronic Components Datasheet Search
  English  ▼

X  

LTC3425 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3425
Description  5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3425 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3425 Datasheet HTML 9Page - Linear Technology LTC3425 Datasheet HTML 10Page - Linear Technology LTC3425 Datasheet HTML 11Page - Linear Technology LTC3425 Datasheet HTML 12Page - Linear Technology LTC3425 Datasheet HTML 13Page - Linear Technology LTC3425 Datasheet HTML 14Page - Linear Technology LTC3425 Datasheet HTML 15Page - Linear Technology LTC3425 Datasheet HTML 16Page - Linear Technology LTC3425 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3425
13
3425f
SWITCH A
VOLTAGE
SWITCH B
VOLTAGE
SWITCH C
VOLTAGE
SWITCH D
VOLTAGE
INDUCTOR A
CURRENT
INDUCTOR B
CURRENT
INDUCTOR C
CURRENT
INDUCTOR D
CURRENT
RECTIFIER A
CURRENT
RECTIFIER B
CURRENT
RECTIFIER C
CURRENT
RECTIFIER D
CURRENT
OUTPUT RIPPLE
CURRENT
INPUT CURRENT
3432 F03
OPERATIO
Figure 3. Simplified Voltage and Current Waveforms
for 4-Phase Operation at 75% Duty Cycle
internally controlled. The device can start up under some
load (see the graph Start-Up Current vs Input Voltage).
Soft-start and inrush current limiting is provided during
start-up as well as normal mode. The same soft-start
capacitor is used for each operating mode.
During start-up, all four phases switch in unison. When
either VIN or VOUT exceeds 2.3V, the IC enters normal
operating mode. Once the output voltage exceeds the
input by 0.3V, the IC powers itself from VOUT instead of
VIN. At this point the internal circuitry has no dependency
on the VIN input voltage, eliminating the requirement for a
large input capacitor. The input voltage can drop as low as
0.5V without affecting circuit operation. The limiting factor
for the application becomes the ability of the power source
to supply sufficient energy to the output at the low volt-
ages, and the maximum duty cycle that is clamped at 90%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com