Electronic Components Datasheet Search
  English  ▼

X  

LTC3425 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3425
Description  5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3425 Datasheet(HTML) 2 Page - Linear Technology

  LTC3425 Datasheet HTML 1Page - Linear Technology LTC3425 Datasheet HTML 2Page - Linear Technology LTC3425 Datasheet HTML 3Page - Linear Technology LTC3425 Datasheet HTML 4Page - Linear Technology LTC3425 Datasheet HTML 5Page - Linear Technology LTC3425 Datasheet HTML 6Page - Linear Technology LTC3425 Datasheet HTML 7Page - Linear Technology LTC3425 Datasheet HTML 8Page - Linear Technology LTC3425 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3425
2
3425f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
VOUT = 0V, ILOAD < 1mA
0.88
1
V
Minimum Operating Voltage
(Note 3)
q
0.5
V
Output Voltage Adjust Range
q
2.4
5.25
V
Feedback Regulation Voltage
q
1.196
1.220
1.244
V
Feedback Input Current
150
nA
VOUT Quiescent Current—Burst Mode Operation
BURST = 0V, REFEN = 0V, FB = 1.3V (Note 2)
12
25
µA
BURST = 0V, REFEN = 2V, FB = 1.3V (Note 2)
18
35
µA
VIN Quiescent Current—Shutdown
SHDN = 0V, VOUT = 0V, Not Including Switch Leakage
0.1
1
µA
VOUT Quiescent Current—Active
VC = 0V, Nonswitching (Note 2)
1.8
3
mA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 5V, VOUT = 0V
0.1
10
µA
NMOS Switch On Resistance
(Note 4)
0.04
Ω
PMOS Switch On Resistance
(Note 4)
0.05
Ω
NMOS Current Limit
ILIM Resistor = 75k (Note 4)
q
5.0
7.0
A
ILIM Resistor = 200k (Note 4)
q
1.8
2.7
A
VIN Voltage ................................................. – 0.3V to 6V
SWA-D Voltages .......................................... – 0.3V to 6V
VOUTA-D, VOUTS Voltages............................ – 0.3V to 6V
BURST, SHDN, SS, REFEN, SYNCOUT, PGOOD,
REFOUT, CCM, SYNCIN Voltages ............... – 0.3V to 6V
Operating Ambient Temperature Range
(Note 5) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3425EUH
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 40°C/W 1 LAYER BOARD,
θJA = 35°C/W 4 LAYER BOARD, θJC = 1.1°C/W
EXPOSED PAD IS GND (PIN 33) MUST BE SOLDERED TO PCB
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
GNDA
GNDA
SWA
VOUTA
VOUTB
SWB
GNDB
GNDB
GNDD
GNDD
SWD
VOUTD
VOUTC
SWC
GNDC
GNDC
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, RT = 15k, unless otherwise noted.
UH PART
MARKING
3425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com