Electronic Components Datasheet Search
  English  ▼

X  

LTC3429 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3429
Description  600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3429 Datasheet(HTML) 1 Page - Linear Technology

  LTC3429 Datasheet HTML 1Page - Linear Technology LTC3429 Datasheet HTML 2Page - Linear Technology LTC3429 Datasheet HTML 3Page - Linear Technology LTC3429 Datasheet HTML 4Page - Linear Technology LTC3429 Datasheet HTML 5Page - Linear Technology LTC3429 Datasheet HTML 6Page - Linear Technology LTC3429 Datasheet HTML 7Page - Linear Technology LTC3429 Datasheet HTML 8Page - Linear Technology LTC3429 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3429/LTC3429B
1
3429fa
■
MP3 Players
■ Digital Cameras
■ LCD Bias Supplies
■
Handheld Instruments
■ Wireless Handsets
■ GPS Receivers
600mA, 500kHz Micropower
Synchronous Boost Converter
with Output Disconnect
Figure 1. 2-Cell to 3.3V Synchronous Boost Converter
SW
4.7µH
VOUT
LTC3429
FB
VIN
SHDN
3429 F01a
1.02M
604k
10µF
4.7µF
2-CELL
AA
+
VOUT
3.3V
250mA
GND
OFF ON
2-Cell to 3.3V Efficiency
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
3429 F01b
40
1
VIN = 3V
VIN = 3V
VIN = 2.4V
VIN = 2.4V
0.01
1
100
0.001
0.1
10
0.0001
EFFICIENCY
POWER LOSS
■ Up to 96% Efficiency
■ True Output Load Disconnect
■ Inrush Current Limiting and Internal Soft-Start
■ Low Voltage Start-Up: 0.85V
■ Automatic Burst Mode
® Operation with IQ ~ 20µA
■ Continuous Switching at Light Loads (LTC3429B)
■ Internal Synchronous Rectifier
■ Current Mode Control with Internal Compensation
■ Short-Circuit Protection
■ 500kHz Fixed Frequency Switching
■ Input Range: 0.5V to 4.4V
■ Output Range: 2.5V to 4.3V (Up to 5V with Schottky)
■ Shutdown Current: <1µA
■ Antiringing Control Minimizes EMI
■ Tiny External Components
■ Low Profile (1mm) SOT-23 Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3429/LTC3429B are high efficiency synchro-
nous, fixed frequency, step-up DC/DC converters with true
output load disconnect, inrush current limiting and soft-
start in a low profile 6-lead ThinSOT
TM package. These
devices are capable of supplying 100mA from a single AA
cell input or 250mA from a 2-cell AA with a 3.3V output.
A switching frequency of 500kHz minimizes overall solu-
tion footprint by allowing the use of tiny, low profile
inductors and ceramic capacitors. Current mode PWM
control with internal compensation reduces external parts
count thereby saving critical board real estate. The LTC3429
shifts automatically to power saving Burst Mode operation
at light loads while the LTC3429B features continuous
switching at light loads. Antiringing control circuitry re-
duces EMI concerns by damping the inductor in discon-
tinuous mode.
The devices also feature low shutdown current of under
1µA. The true output disconnect feature allows the output
to be completely discharged in shutdown. It also limits the
inrush of current during start-up, minimizing surge cur-
rents seen by the input supply.
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Burst Mode is a registered
trademark of Linear Technology Corporation. ThinSOT is a trademark of Linear Technology
Corporation.


Similar Part No. - LTC3429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LTC3429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com