Electronic Components Datasheet Search
  English  ▼

X  

LTC3429 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3429
Description  600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3429 Datasheet(HTML) 4 Page - Linear Technology

  LTC3429 Datasheet HTML 1Page - Linear Technology LTC3429 Datasheet HTML 2Page - Linear Technology LTC3429 Datasheet HTML 3Page - Linear Technology LTC3429 Datasheet HTML 4Page - Linear Technology LTC3429 Datasheet HTML 5Page - Linear Technology LTC3429 Datasheet HTML 6Page - Linear Technology LTC3429 Datasheet HTML 7Page - Linear Technology LTC3429 Datasheet HTML 8Page - Linear Technology LTC3429 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3429/LTC3429B
4
3429fa
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage vs Temperature
Normalized Oscillator Frequency
vs Temperature
Burst Mode Quiescent Current
vs Temperature (LTC3429 Only)
(TA = 25°C unless otherwise specified)
TEMPERATURE (°C)
–60
3.32
3.36
3.40
60
3429 G10
3.28
3.24
–29
20
–40
80
0
40
100
3.20
3.16
3.44
VIN = 1.5V
IOUT = 30mA
TEMPERATURE (°C)
–60
0.92
0.94
0.98
1.00
1.02
–20
20
40
3429 G11
0.96
–40
0
60
80
100
TEMPERATURE (°C)
–60
20
30
100
3429 G12
10
0
–20
20
60
–40
0
40
80
40
15
25
5
35
VOUT = 5V
VOUT = 3.3V
SW Pin Fixed Frequency
Continuous Mode Operation
SW Pin Discontinuous Mode
Antiringing Operation
Fixed Frequency and Burst Mode
Operation (LTC3429 Only)
Output Voltage Transient
Response
Inrush Current Control
and Soft-Start
Inrush Current Control
and Soft-Start
VSW
1V/DIV
VIN = 1.5V
VOUT = 3.3V
IOUT = 50mA
L = 10µH
COUT = 10µF
CPL = 150pF
200ns/DIV
3429 G13
VSW
1V/DIV
VIN = 1.5V
VOUT = 3.3V
IOUT = 20mA
L = 10µH
COUT = 10µF
CPL = 150pF
200ns/DIV
3429 G14
VOUT
100mV/DIV
AC-COUPLED
50mA
120µA
IOUT
VIN = 1.5V
VOUT = 3.3V
IOUT = 120µA TO 50mA STEP
L = 10µH
COUT = 10µF
CPL = 150pF
5ms/DIV
3429 G15
VOUT
100mV/DIV
AC-COUPLED
90mA
40mA
IOUT
VIN = 1.5V
VOUT = 3.3V
IOUT = 40mA TO 90mA STEP
L = 10µH
COUT = 10µF
CPL = 150pF
100µs/DIV
3429 G16
VOUT
1V/DIV
INDUCTOR
CURRENT
100mA/DIV
VIN = 1.5V
VOUT = 3.3V
IOUT = 10mA
L = 4.7µH
COUT = 10µF
CPL = 100pF
500µs/DIV
3429 G17
VOUT
2V/DIV
INDUCTOR
CURRENT
200mA/DIV
VIN = 2.5V
VOUT = 5V
IOUT = 50mA
L = 4.7µH
COUT = 10µF
CPL = 100pF
2ms/DIV
3429 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com