Electronic Components Datasheet Search
  English  ▼

X  

LTC3440 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 5 Page - Linear Technology

  LTC3440 Datasheet HTML 1Page - Linear Technology LTC3440 Datasheet HTML 2Page - Linear Technology LTC3440 Datasheet HTML 3Page - Linear Technology LTC3440 Datasheet HTML 4Page - Linear Technology LTC3440 Datasheet HTML 5Page - Linear Technology LTC3440 Datasheet HTML 6Page - Linear Technology LTC3440 Datasheet HTML 7Page - Linear Technology LTC3440 Datasheet HTML 8Page - Linear Technology LTC3440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3440
3440fb
TYPICAL PERFOR A CE CHARACTERISTICS
Boost Max Duty Cycle
Minimum Start Voltage
Current Limit
TEMPERATURE (
°C)
–55
70
75
80
85
90
–25
5
35
65
3440 G19
95
125
VIN = VOUT = 3.6V
RT = 60k
TEMPERATURE (
°C)
–55
2.25
2.30
2.35
2.40
–25
5
35
65
3440 G20
95
125
TEMPERATURE (
°C)
–55
1000
1500
2000
2500
3000
–25
5
35
65
3440 G21
95
125
VIN = VOUT = 3.6V
PEAK SWITCH
AVERAGE INPUT
Feedback Voltage Line Regulation
Error Amp Sink Current
PMOS RDS(ON)
TEMPERATURE (
°C)
–55
60
70
80
90
–25
5
35
65
3440 G16
95
125
VIN = VOUT = 2.5V TO 5.5V
TEMPERATURE (
°C)
–55
350
370
390
410
430
–25
5
35
65
3440 G17
95
125
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
0.10
0.15
0.20
0.25
0.30
–25
5
35
65
3440 G18
95
125
VIN = VOUT = 3.6V
SWITCHES A AND D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com