Electronic Components Datasheet Search
  English  ▼

X  

LTC3448 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 1 Page - Linear Technology

  LTC3448 Datasheet HTML 1Page - Linear Technology LTC3448 Datasheet HTML 2Page - Linear Technology LTC3448 Datasheet HTML 3Page - Linear Technology LTC3448 Datasheet HTML 4Page - Linear Technology LTC3448 Datasheet HTML 5Page - Linear Technology LTC3448 Datasheet HTML 6Page - Linear Technology LTC3448 Datasheet HTML 7Page - Linear Technology LTC3448 Datasheet HTML 8Page - Linear Technology LTC3448 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3448
3448f
■ High Efficiency: Up to 96%
■ Very Low Quiescent Supply Current: 32
µA During
Linear Regulator Operation
■ 600mA Output Current (Buck Converter)
■ Optionally Operates as Linear Regulator Below
3mA—External or Automatic ON/OFF
■ 2.5V to 5.5V Input Voltage Range
■ 1.5MHz or 2.25MHz Constant Frequency Operation
or External Synchronization
■ No Schottky Diode Required
■ Low Dropout Operation: 100% Duty Cycle
■ 0.6V Reference Allows Low Output Voltages
■ Shutdown Mode Draws < 1
µA Supply Current
■ Current Mode Operation for Excellent Line and
Load Transient Response
■ Overtemperature Protected
■ Low Profile (3mm
× 3mm) 8-Lead DFN and 8-Lead
MSOP Packages
■ Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
1.5V High Efficiency Regulator with Automatic LDO Mode
1.5MHz/2.25MHz, 600mA
Synchronous Step-Down
Regulator with LDO Mode
Efficiency and Power Loss vs Load Current
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3448isahighefficiency,monolithic,synchronous
buck regulator using a constant frequency, current mode
architecture. Supply current during operation is only 32
µA
(linear regulator mode) and drops to <1
µAinshutdown.The
2.5V to 5.5V input voltage range makes the LTC3448 ide-
ally suited for single Li-Ion battery-powered applications.
100% duty cycle provides low dropout operation, extend-
ing battery life in portable systems. At moderate output load
levels, PWM pulse skipping mode operation provides very
low output ripple voltage for noise sensitive applications.
The LTC3448 automatically switches into linear regulator
operation at very low load currents to maintain <5mVP-P
output voltage ripple. Supply current in this mode is
typically 32
µA. The switch to linear regulator mode occurs
at a threshold of 3mA. Linear regulator operation can be set
to on, off or automatic turn on/off.
Switching frequency is selectable at either 1.5MHz or
2.25MHz, allowing the use of small surface mount induc-
tors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The LTC3448 is available in a low
profile 3mm
× 3mm DFN package or thermally enhanced
8-lead MSOP.
VIN
474k
22pF
316k
CIN
4.7
µF
VIN
2.5V TO 5.5V
LTC3448
FREQ
SYNC
2.2
µH
3448 TA01a
SW
RUN
VOUT
MODE
VFB
GND
COUT
4.7
µF
VOUT
1.5V
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6580258, 6304066, 6127815,
6498466, 6611131. Others pending.
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
23448 TA01b
0
1
0.1
0.01
0.001
0.0001
0.001
VIN = 3.6V
VOUT = 1.5V
TA = 25°C
POWER LOSS
EFFICIENCY


Similar Part No. - LTC3448

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3448 LINER-LTC3448_15 Datasheet
283Kb / 20P
1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
More results

Similar Description - LTC3448

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403 Datasheet
920Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406B-2 LINER-LTC3406B-2_15 Datasheet
223Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3448 LINER-LTC3448_15 Datasheet
283Kb / 20P
1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com