Electronic Components Datasheet Search
  English  ▼

X  

LTC3448 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3448 Datasheet HTML 10Page - Linear Technology LTC3448 Datasheet HTML 11Page - Linear Technology LTC3448 Datasheet HTML 12Page - Linear Technology LTC3448 Datasheet HTML 13Page - Linear Technology LTC3448 Datasheet HTML 14Page - Linear Technology LTC3448 Datasheet HTML 15Page - Linear Technology LTC3448 Datasheet HTML 16Page - Linear Technology LTC3448 Datasheet HTML 17Page - Linear Technology LTC3448 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC3448
3448f
APPLICATIO S I FOR ATIO
and high load currents is important. Output voltage is
1.8V. With this information we can calculate L using
Equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= () ∆()
−
⎛
⎝⎜
⎞
⎠⎟
1
1
(3)
Substituting VOUT = 1.8V, VIN = 4.2V, ∆IL = 240mA and
f = 1.5MHz in Equation (3) gives:
L
V
MHz
mA
V
V
H
=
−
⎛
⎝⎜
⎞
⎠⎟
=µ
18
1 5
240
1
18
42
286
.
.(
)
.
.
.
A 2.2
µH inductor works well for this application. For best
efficiency choose a 720mA or greater inductor with less
than 0.2
Ω series resistance.
CIN will require an RMS current rating of at least 0.3A ≅
ILOAD(MAX)/2 at temperature and COUT will require an ESR
of less than 0.25
Ω. In most cases, a ceramic capacitor will
satisfy this requirement.
For the feedback resistors, choose R1 = 316k. R2 can
then be calculated from Equation (2) to be:
R
V
Rk
OUT
2
06
1
1 632
=
−
⎛
⎝⎜
⎞
⎠⎟
=
.
Figure 9 shows the complete circuit along with its effi-
ciency curve.
Figure 9a
Figure 9b
VIN
9
1
3
632k
CIN: TAIYO YUDEN JMK212BJ475MG
COUT: TAIYO YUDEN JMK212BJ475MG
*MURATA LQH32CN2R2M11
316k
2
5
CIN
4.7
µF
CER
VIN
2.7V
TO 5.5V
LTC3448
FREQ
SYNC
2.2
µH*
3448 F09a
SW
4
8
6
7
RUN
VOUT
MODE
VFB
GND
COUT
15
µF
CER
22pF
VOUT
1.8V
VOUT
100mV/DIV
AC COUPLED
ILOAD
100mA/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100µA TO 200mA
20
µs/DIV
3448 F09c
VOUT
100mV/DIV
AC COUPLED
ILOAD
250mA/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 600mA
20
µs/DIV
3448 F09d
Figure 9c
Figure 9d
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3448 F09b
0
0.001
VIN = 3.6V
VOUT = 1.8V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com