Electronic Components Datasheet Search
  English  ▼

X  

LTC3543 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3543
Description  600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3543 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3543 Datasheet HTML 8Page - Linear Technology LTC3543 Datasheet HTML 9Page - Linear Technology LTC3543 Datasheet HTML 10Page - Linear Technology LTC3543 Datasheet HTML 11Page - Linear Technology LTC3543 Datasheet HTML 12Page - Linear Technology LTC3543 Datasheet HTML 13Page - Linear Technology LTC3543 Datasheet HTML 14Page - Linear Technology LTC3543 Datasheet HTML 15Page - Linear Technology LTC3543 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3543
13
3543f
APPLICATIO S I FOR ATIO
problem. For a detailed explanation of the switching control
loop theory, see Application Note 76.
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
load switch resistance is low and it is driven quickly. The
only solution is to limit the rise time of the switch drive
so that the load rise time is limited to approximately
25 • CLOAD. Thus, a 10µF capacitor charging to 3.3V would
require a 250µs rise time, limiting the charging current
to about 130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3543. These items are also illustrated graphically
in Figures 5 and 6. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace, and the VIN trace should be kept short, direct
and wide.
2. Does the VFB pin connect directly to the feedback voltage
reference? Ensure that there is no load current running
from the feedback reference voltage and the VFB pin.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive
VFB node.
5. Keep the (–) plates of CIN and COUT as close as pos-
sible.
Design Example
As a design example, assume the LTC3543 is used in
a single lithium-ion battery-powered cellular phone ap-
plication. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 600mA, but most of the time it will be
in standby mode, requiring only 2mA. Efficiency at both
low and high load currents is important. Output voltage
is 1.5V. With this information we can calculate L using
Equation 1,
L
V
fI
V
V
OUT
L
OUT
IN
=−
⎛
⎝⎜
⎞
⎠⎟
•
•
∆
1
A 3.3µH inductor works well for this application, yielding
a ripple current of only 130mA. For best efficiency choose
a 665mA or greater inductor with less than 0.05Ω series
resistance.
In Equation 2, CIN will require an RMS current rating of at
least 0.3A at ILOAD(MAX)/2 at temperature.
Using Equation 3, Selecting a 4.7µF capacitor with an
ESR of 0.05Ω for COUT yields an 8mV voltage ripple on
the regulated output voltage.
For feedback resistors, choose R1 = 402k. R2 can then
be calculated using Equation 4.
R
V
V
Rk
OUT
2
06
1
1 604
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
•
Figure 6 shows the complete circuit along with its ef-
ficiency curve.
R1
R2
SW
VIN
VFB
MODE
RUN
CFWD
CIN
C1
GND
L
VIN
CAP
VOUT
COUT
3543 F07
+–
+
–
+–
Figure 5. LTC3543 Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com