Electronic Components Datasheet Search
  English  ▼

X  

LTC3543 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3543
Description  600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3543 Datasheet(HTML) 2 Page - Linear Technology

  LTC3543 Datasheet HTML 1Page - Linear Technology LTC3543 Datasheet HTML 2Page - Linear Technology LTC3543 Datasheet HTML 3Page - Linear Technology LTC3543 Datasheet HTML 4Page - Linear Technology LTC3543 Datasheet HTML 5Page - Linear Technology LTC3543 Datasheet HTML 6Page - Linear Technology LTC3543 Datasheet HTML 7Page - Linear Technology LTC3543 Datasheet HTML 8Page - Linear Technology LTC3543 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3543
2
3543f
VIN Voltage................................................... –0.3V to 6V
RUN, VFB, MODE, CAP Voltages...................–0.3V to VIN
SW Voltage ....................................–0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RUN
Run Threshold
0.3
1
1.5
V
VFB
Regulated Feedback Voltage
(Note 4)
●
0.588
0.6
0.612
V
IVFB
Feedback Pin Current
1
µA
IPK
Peak Inductor Current
VIN = 3.6V, VFB = 0V
0.7
1
1.3
A
VLOADREG
Output Voltage Load Regulation
0.5
%/mA
VLINEREG
Output Voltage Line Regulation
(Note 4)
0.5
%/V
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
Active Mode
Sleep Mode
Shutdown
(Note 5)
VOUT = 90%, ILOAD = 0A
VOUT = 103%, ILOAD = 0A
VRUN = 0V, VIN = 5.5V
375
45
0.1
500
70
1
µA
µA
µA
fOSC
Nominal Oscillator Frequency
●
1.80
2.25
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.45
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = 100mA
0.35
Ω
ISW
SW Leakage
VRUN = 0V, VSW = 0V or 5.5V, VIN = 5.5V
±1
µA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
PIN 7 IS GND
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
ORDER PART NUMBER
DCB PART MARKING
LTC3543EDCB
LCCK
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3543E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature ranges are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula: TJ = TA + (PD)(64°C/W)
Note 4: The LTC3543 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier. This test mode is equivalent to
continuous mode operation.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com