Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology LTC3548 Datasheet HTML 10Page - Linear Technology LTC3548 Datasheet HTML 11Page - Linear Technology LTC3548 Datasheet HTML 12Page - Linear Technology LTC3548 Datasheet HTML 13Page - Linear Technology LTC3548 Datasheet HTML 14Page - Linear Technology LTC3548 Datasheet HTML 15Page - Linear Technology LTC3548 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3548
13
3548fa
Low Ripple Buck Regulators Using Ceramic Capacitors
RUN2
VIN
VIN = 2.5V
TO 5.5V
VOUT2 = 1.8V
AT 400mA
VOUT1 = 1.2V
AT 800mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
C1
10μF
R5
100k
POWER-ON
RESET
C4, 33pF
C5, 68pF
L1
4.7μH
L2
10μH
R4
887k
R2
604k
R1
604k
R3
442k
C3
10μF
C2
10μF
3548 TA03
C1, C2, C3: TDK C2012X5R0J106M
L1: SUMIDA CDRH2D18/HP-4R7NC
L2: SUMIDA CDRH2D18/HP-100NC
LOAD CURRENT (mA)
10
100
1000
3548 TA03b
100
95
90
85
80
75
70
65
60
55
50
1.8V
1.2V
VIN = 3.3V
PULSE SKIP MODE
NO LOAD ON OTHER CHANNEL
Efficiency vs Load Current
TYPICAL APPLICATIO S
Figure 4. LTC3548 Layout Diagram (See Board Layout Checklist)
RUN2
VIN
VIN
VOUT2
VOUT1
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
CIN
C4
C5
L1
L2
R4
R2
R1
R3
COUT2
COUT1
3548 F04
BOLD LINES INDICATE HIGH CURRENT PATHS
RUN2 VIN
VIN = 2.5V*
TO 5.5V
VOUT2 = 2.5V*
AT 400mA
VOUT1 = 1.8V
AT 800mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
C1
10μF
R5
100k
POWER-ON
RESET
C4, 33pF
C5, 68pF
L1
2.2μH
L2
4.7μH
R4
887k
R2
604k
R1
301k
R3
280k
C3
4.7μF
C2
10μF
3548 F03
C1, C2, C3: TAIYO YUDEN JMK212BJ106MG
C3: TAIYO YUDEN JMK212BJ475MG
L1: MURATA LQH32CN2R2M11
L2: MURATA LQH32CN4R7M23
*VOUT CONNECTED TO VIN FOR VIN ≤ 2.8V (DROPOUT)
Figure 3. LTC3548 Typical Application
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com