Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 3 Page - Linear Technology

  LTC3548 Datasheet HTML 1Page - Linear Technology LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3548
3
3548fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3548 is guaranteed to meet specified performance
from 0°C to 85°C. Specifications over the – 40°C and 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3548I is guaranteed to meet
specified performance over the full –40°C to 85°C temperature range.
Note 3: The LTC3548 is tested in a proprietary test mode that connects VFB
to the output of the error amplifier.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA).
Note 6: The DFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVLOAD REG
Output Voltage Load Regulation
(Note 3)
0.5
%
IS
Input DC Supply Current
Active Mode
Sleep Mode
Shutdown
VFB1 = VFB2 = 0.5V
VFB1 = VFB2 = 0.63V, MODE/SYNC = 3.6V
RUN = 0V, VIN = 5.5V, MODE/SYNC = 0V
700
40
0.1
950
60
1
μA
μA
μA
fOSC
Oscillator Frequency
VFB = 0.6V
l
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
2.25
MHz
ILIM
Peak Switch Current Limit Channel 1
Peak Switch Current Limit Channel 2
VIN = 3V, VFB = 0.5V, Duty Cycle <35%
VIN = 3V, VFB = 0.5V, Duty Cycle <35%
0.95
0.6
1.2
0.7
1.6
0.9
A
A
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
(Note 6)
(Note 6)
0.35
0.30
0.45
0.45
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VFB = 0V
0.01
1
μA
POR
Power-On Reset Threshold
VFB Ramping Down, MODE/SYNC = 0V
–8.5
%
Power-On Reset On-Resistance
100
200
Ω
Power-On Reset Delay
262,144
Cycles
VRUN
RUN Threshold
l
0.3
1
1.5
V
IRUN
RUN Leakage Current
l
0.01
1
μA
TYPICAL PERFORMANCE CHARACTERISTICS
3548 G01
3548 G02
3548 G03
VIN = 3.6V
VOUT = 1.8V
ILOAD = 180mA
CHANNEL 1; CIRCUIT OF FIGURE 3
VIN = 3.6V
VOUT = 1.8V
ILOAD = 30mA
CHANNEL 1; CIRCUIT OF FIGURE 3
VIN = 3.6V
VOUT = 1.8V
ILOAD = 80mA TO 800mA
CHANNEL 1; CIRCUIT OF FIGURE 3
SW
5V/DIV
VOUT
20mV/DIV
IL
200mA/DIV
SW
5V/DIV
VOUT
10mV/DIV
IL
200mA/DIV
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
2μs/DIV
1μs/DIV
20μs/DIV
TA = 25°C unless otherwise specified.
Load Step
Burst Mode Operation
Pulse Skipping Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com