Electronic Components Datasheet Search
  English  ▼

X  

LTC3552EDHC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3552EDHC
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552EDHC Datasheet(HTML) 2 Page - Linear Technology

  LTC3552EDHC Datasheet HTML 1Page - Linear Technology LTC3552EDHC Datasheet HTML 2Page - Linear Technology LTC3552EDHC Datasheet HTML 3Page - Linear Technology LTC3552EDHC Datasheet HTML 4Page - Linear Technology LTC3552EDHC Datasheet HTML 5Page - Linear Technology LTC3552EDHC Datasheet HTML 6Page - Linear Technology LTC3552EDHC Datasheet HTML 7Page - Linear Technology LTC3552EDHC Datasheet HTML 8Page - Linear Technology LTC3552EDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3552
2
3552f
Charger Input Supply (VIN) ........................ –0.3V to 10V
PROG, ITERM .................................. –0.3V to VIN + 0.3V
BAT .............................................................. –0.3V to 7V
⎯C⎯H⎯R⎯G, ⎯P⎯W⎯R, ⎯E⎯N......................................... –0.3V to 10V
BAT Short-Circuit Duration............................ Continuous
BAT Pin Current ..........................................................1A
PROG Pin Current ....................................................1mA
Converter Input Supply (VCC)....................... –0.3V to 6V
VFB1, VFB2, RUN1, RUN2...................–0.3V to VCC +0.3V
MODE/SYNC ....................................–0.3V to VCC + 0.3V
SW1, SW2 .......................................–0.3V to VCC + 0.3V
⎯P⎯O⎯R ............................................................. –0.3V to 6V
Ambient Operating Temperature
Range (Note 2) .................................... –40°C to 85°C
Maximum Junction Temperature (Note 8) ............ 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VCC = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
VIN
Input Supply Voltage
●
4.25
8
V
IIN
Input Supply Current
Charge Mode (Note 4)
Standby Mode
Shutdown Mode
RPROG = 10k
Charge Terminated
⎯E⎯N = 5V, VIN < VBAT or VIN < VUV
●
●
●
0.4
200
25
1
500
50
mA
µA
µA
VFLOAT
Regulated Output (Float) Voltage
0°C ≤ TA ≤ 85°C, 4.3V < VIN < 8V
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
RPROG = 2k, Current Mode
Standby Mode, VBAT = 4.2V
Shutdown Mode (
⎯E⎯N = 5V, VIN < VBAT or
VIN < VUV)
Sleep Mode, VIN = 0V
●
●
●
92
465
100
500
–2.5
±1
±1
105
535
–6
±2
±2
mA
mA
µA
µA
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2k
●
30
45
60
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising
2.8
2.9
3
V
VTRHYS
Trickle Charge Hysterisis Voltage
RPROG = 10k
80
mV
VUV
VIN Undervoltage Lockout Voltage
From VIN Low to High
●
3.7
3.8
3.92
V
VUVHYS
VIN Undervoltage Lockout Hysteresis
●
150
200
300
mV
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
EN
PWR
VIN
PROG
SW1
VCC
RUN1
VFB1
ITERM
BAT
CHRG
MODE/SYNC
SW2
POR
RUN2
VFB2
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W (Note 3)
EXPOSED PAD IS GROUND (PIN 17)
MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DHC PART MARKING
LTC3552EDHC
3552
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com