Electronic Components Datasheet Search
  English  ▼

X  

LTC3552EDHC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3552EDHC
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552EDHC Datasheet(HTML) 3 Page - Linear Technology

  LTC3552EDHC Datasheet HTML 1Page - Linear Technology LTC3552EDHC Datasheet HTML 2Page - Linear Technology LTC3552EDHC Datasheet HTML 3Page - Linear Technology LTC3552EDHC Datasheet HTML 4Page - Linear Technology LTC3552EDHC Datasheet HTML 5Page - Linear Technology LTC3552EDHC Datasheet HTML 6Page - Linear Technology LTC3552EDHC Datasheet HTML 7Page - Linear Technology LTC3552EDHC Datasheet HTML 8Page - Linear Technology LTC3552EDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3552
3
3552f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V⎯E⎯N(IL)
⎯E⎯N Pin Input Low Voltage
●
0.4
0.7
V
V⎯E⎯N(IH)
⎯E⎯N Pin Input High Voltage
●
0.7
1
V
R⎯E⎯N
⎯EN Pin Pull-Down Resistor
●
1.2
2
5
MΩ
VASD
VIN – VBAT Lockout Threshold Voltage
VIN from Low to High
VIN from High to Low
70
5
100
30
140
50
mV
mV
ITERM
Charge Termination Current Threshold
RTERM = 1k
RTERM = 5k
●
●
90
17.5
100
20
110
22.5
mA
mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.93
1
1.07
V
V⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Pin Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
0.35
0.6
V
V⎯P⎯W⎯R
⎯P⎯W⎯R Pin Output Low Voltage
I⎯P⎯W⎯R = 5mA
0.35
0.6
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
60
100
140
mV
TLIM
Junction Temperature in Constant-
Temperature Mode
120
°C
RON-CHRG
Charger’s Power FET On-Resistance
(Between VIN and BAT)
600
mΩ
tSS-CHRG
Charger Soft-Start Time
IBAT = 0 to IBAT = 1000V/RPROG
100
µs
tRECHRG
Recharge Comparator Filter Time
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination Comparator Filter Time
IBAT Drops Below Charge Termination
Threshold
0.4
1
2.5
ms
Switching Regulator
VCC
Operating Voltage Range for Regulator
●
2.5
5.5
V
IFB
Feedback Pin Input Current
●
30
nA
VFB
Feedback Voltage (Note 5)
0°C ≤ TA ≤ 85°C
–40°C ≤ TA ≤ 85°C
●
0.588
0.585
0.6
0.6
0.612
0.612
V
V
ΔVLINE_REG
Reference Voltage Line Regulation
VCC = 2.5V to 5.5V (Note 5)
0.3
0.5
%/V
ΔVLOAD_REG
Output Voltage Load Regulation
(Note 5)
0.5
%
IS
Input DC Supply Current
Active Mode
Sleep Mode
Shutdown
VFB1 = VFB2 = 0.5V
VFB1 = VFB2 = 0.63V, MODE/SYNC = 3.6V
RUN = 0V, VCC = 5.5V, MODE/SYNC = 0V
700
40
0.1
950
60
1
µA
µA
µA
fOSC
Oscillator Frequency
VFB = 0.6V
●
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
2.25
MHz
ILIM
Peak Switch Current Limit Regulator 1
Peak Switch Current Limit Regulator 2
VCC = 3V, VFB = 0.5V, Duty Cycle < 35%
VCC = 3V, VFB = 0.5V, Duty Cycle < 35%
0.95
0.6
1.2
0.7
1.6
0.9
A
A
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
(Note 6)
(Note 6)
0.35
0.30
0.45
0.45
Ω
Ω
ISW(LKG)
Switch Leakage Current
VCC = 5V, VRUN = 0V, VFB = 0V
0.01
1
µA
POR
Power-On Reset Threshold
VFB Ramping Down, MODE/SYNC = 0V
–8.5
%
Power-On Reset On-Resistance
100
200
Ω
Power-On Reset Delay
262,144
Cycles
VRUN
RUN Threshold Voltage
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
0.01
1
µA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VCC = 3.6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com