Electronic Components Datasheet Search
  English  ▼

X  

LTC3564 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology LTC3564 Datasheet HTML 10Page - Linear Technology LTC3564 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC3564
3564f
VFB (Pin 1/Pin 4) : Feedback Pin. Receives the feedback
voltage from an external resistive divider across the out-
put.
GND (Pin 2/NA): Ground Pin.
VIN (Pin 3/Pin 3): Main Supply Pin. Must be closely
decoupled to GND, Pin 2, with a 10
μF or greater ceramic
capacitor.
SW (Pin 4/Pin 1): Switch Node Connection to Inductor.
This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
RUN (Pin 5/Pin 6): Run Control Input. Forcing this pin
above 1.5V enables the part. Forcing this pin below 0.3V
shuts down the device. In shutdown, all functions are
disabled drawing <1
μA supply current. Do not leave RUN
floating.
PGND (NA/Pin 2): Main Power Ground Pin. Connect to the
(–) terminal of COUT, and (–) terminal of CIN.
SGND (NA/Pins 5, 7): The Signal Ground Pin. All small
signal components and compensation components should
be connected to this ground (see Board Layout Consider-
ations.)
PI FU CTIO S (S5/DCB)
FU CTIO AL DIAGRA
+
–
+
–
EA
IRCMP
+
–
ICOMP
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
0.6V
0.6V REF
SHUTDOWN
0.52V
0.65V
SLEEP
VIN
VFB
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
RSENSE
SW
GND
3564 FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com