Electronic Components Datasheet Search
  English  ▼

X  

LTC3564 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 5 Page - Linear Technology

  LTC3564 Datasheet HTML 1Page - Linear Technology LTC3564 Datasheet HTML 2Page - Linear Technology LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3564
3564f
Supply Current vs Supply Voltage
Supply Current vs Temperature
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
400
500
600
25
75
3564 G13
300
200
–25
0
50
100
125
100
0
SYNCHRONOUS SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50
30
35
40
25
75
3564 G12
25
20
–25
0
50
100
125
15
10
VIN = 3.6V
RUN = VIN
ILOAD = 0A
INPUT VOLTAGE (V)
0
0
500
1000
1500
2000
2500
1
23
4
3564 G14
56
RUN = 0V
SYNCHRONOUS
SWITCH
MAIN
SWITCH
TA = 25°C, VIN = 3.6V, unless otherwise specified.
RDS(ON) vs Temperature
TEMPERATURE (
°C)
–50
0.20
0.25
0.30
25
75
3564 G10
0.15
0.10
–25
0
50
100
125
0.05
0
MAIN SWITCH
SYNCHRONOUS SWITCH
SUPPLY VOLTAGE (V)
2.5
10
15
20
25
30
35
3.0
3.5
4.0
4.5
3564 G11
5.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com