Electronic Components Datasheet Search
  English  ▼

X  

LTC3566 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3566
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3566 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3566 Datasheet HTML 9Page - Linear Technology LTC3566 Datasheet HTML 10Page - Linear Technology LTC3566 Datasheet HTML 11Page - Linear Technology LTC3566 Datasheet HTML 12Page - Linear Technology LTC3566 Datasheet HTML 13Page - Linear Technology LTC3566 Datasheet HTML 14Page - Linear Technology LTC3566 Datasheet HTML 15Page - Linear Technology LTC3566 Datasheet HTML 16Page - Linear Technology LTC3566 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3566
13
3566fa
on CLPROG represents the average input current of the
switching regulator. When the input current approaches
the programmed limit, CLPROG reaches VCLPROG, 1.188V
and power out is held constant.
The input current is programmed by the ILIM0 and ILIM1
pins. It can be configured to limit average input current to
one of several possible settings as well as be deactivated
(USB Suspend). The input current limit will be set by the
VCLPROG servo voltage and the resistor on CLPROG ac-
cording to the following expression:
I
VBUS = IBUSQ +
V
CLPROG
R
CLPROG
•(h
CLPROG + 1)
Figure 1 shows the range of possible voltages at VOUT as
a function of battery voltage.
consists of a precision amplifier that enables a large on-
chip P-channel MOSFET transistor whenever the voltage at
VOUT is approximately 15mV (VFWD) below the voltage at
BAT. The resistance of the internal ideal diode is approxi-
mately 180mΩ. If this is sufficient for the application, then
no external components are necessary. However, if more
conductance is needed, an external P-channel MOSFET
transistor can be added from BAT to VOUT.
When an external P-channel MOSFET transistor is present,
the GATE pin of the LTC3566 drives its gate for automatic
ideal diode control. The source of the external P-chan-
nel MOSFET should be connected to VOUT and the drain
should be connected to BAT. Capable of driving a 1nF load,
the GATE pin can control an external P-channel MOSFET
transistor having an on-resistance of 40mΩ or lower.
Suspend LDO
If the LTC3566 is configured for USB suspend mode, the
switching regulator is disabled and the suspend LDO
provides power to the VOUT pin (presuming there is power
available to VBUS). This LDO will prevent the battery from
running down when the portable product has access to
a suspended USB port. Regulating at 4.6V, this LDO only
becomes active when the switching converter is disabled
(suspended). To remain compliant with the USB specifica-
tion, the input to the LDO is current limited so that it will
not exceed the 500μA low power suspend specification.
If the load on VOUT exceeds the suspend current limit,
the additional current will come from the battery via the
ideal diode.
OPERATION
BAT (V)
2.4
4.5
4.2
3.9
3.6
3.3
3.0
2.7
2.4
3.3
3.9
3566 F01
2.7
3.0
3.6
4.2
NO LOAD
300mV
Figure 1. VOUT vs BAT
Figure 2. Ideal Diode Operation
FORWARD VOLTAGE (mV) (BAT – VOUT)
0
600
1800
2000
2200
120
240 300
3566 F02
200
1400
1000
400
1600
0
1200
800
60
180
360
480
420
VISHAY Si2333
OPTIONAL EXTERNAL
IDEAL DIODE
LTC3566
IDEAL DIODE
ON
SEMICONDUCTOR
MBRM120LT3
Ideal Diode from BAT to VOUT
The LTC3566 has an internal ideal diode as well as a con-
troller for an optional external ideal diode. The ideal diode
controller is always on and will respond quickly whenever
VOUT drops below BAT.
If the load current increases beyond the power allowed
from the switching regulator, additional power will be
pulled from the battery via the ideal diode. Furthermore,
if power to VBUS (USB or wall power) is removed, then all
of the application power will be provided by the battery via
the ideal diode. The transition from input power to battery
power at VOUT will be quick enough to allow only a 10μF
capacitor to keep VOUT from drooping. The ideal diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com