Electronic Components Datasheet Search
  English  ▼

X  

LTC3566 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3566
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3566 Datasheet(HTML) 2 Page - Linear Technology

  LTC3566 Datasheet HTML 1Page - Linear Technology LTC3566 Datasheet HTML 2Page - Linear Technology LTC3566 Datasheet HTML 3Page - Linear Technology LTC3566 Datasheet HTML 4Page - Linear Technology LTC3566 Datasheet HTML 5Page - Linear Technology LTC3566 Datasheet HTML 6Page - Linear Technology LTC3566 Datasheet HTML 7Page - Linear Technology LTC3566 Datasheet HTML 8Page - Linear Technology LTC3566 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3566
2
3566fa
ABSOLUTE MAXIMUM RATINGS
VBUS (Transient) t < 1ms,
Duty Cycle < 1% ...................................... –0.3V to 7V
VBUS (Static), VIN1, BAT, NTC, CHRG, MODE, ILIM0,
ILIM1, EN1, CHRGEN ................................ –0.3V to 6V
FB1, VC1..............–0.3V to Lesser of 6V or (VIN1 + 0.3V)
ICLPROG ....................................................................3mA
ICHRG......................................................................50mA
IPROG........................................................................2mA
ILDO3V3...................................................................30mA
ISW, IBAT, IVOUT............................................................2A
IVOUT1, ISWAB1, ISWCD1.............................................2.5A
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Path Switching Regulator
VBUS
Input Supply Voltage
4.35
5.5
V
IBUSLIM
Total Input Current
1x Mode, VOUT = BAT
5x Mode, VOUT = BAT
10x Mode, VOUT = BAT
Suspend Mode, VOUT = BAT
●
●
●
●
87
436
800
0.31
95
460
860
0.38
100
500
1000
0.50
mA
mA
mA
mA
IBUSQ
VBUS Quiescent Current
1x Mode, IOUT = 0mA
5x Mode, IOUT = 0mA
10x Mode, IOUT = 0mA
Suspend Mode, IOUT = 0mA
7
15
15
0.044
mA
mA
mA
mA
hCLPROG
(Note 4)
Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Suspend Mode
224
1133
2140
11.3
mA/mA
mA/mA
mA/mA
mA/mA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBAT = 3.8V, DVCC = 3.3V, RCLPROG = 3.01k, RPROG = 1k,
VIN1 = VOUT1 = 3.8V unless otherwise noted.
PIN CONFIGURATION
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
LDO3V3
CLPROG
NTC
FB1
VC1
GND
GATE
GND
CHRG
PROG
ILIM1
ILIM0
25
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3566EUF#PBF
LTC3566EUF#TRPBF
3566
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com