Electronic Components Datasheet Search
  English  ▼

X  

LTC3608 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3608
Description  18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3608 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3608 Datasheet HTML 14Page - Linear Technology LTC3608 Datasheet HTML 15Page - Linear Technology LTC3608 Datasheet HTML 16Page - Linear Technology LTC3608 Datasheet HTML 17Page - Linear Technology LTC3608 Datasheet HTML 18Page - Linear Technology LTC3608 Datasheet HTML 19Page - Linear Technology LTC3608 Datasheet HTML 20Page - Linear Technology LTC3608 Datasheet HTML 21Page - Linear Technology LTC3608 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3608
18
3608fa
Figure 6. Design Example: 5V to 18V Input to 2.5V/8A at 550kHz
APPLICATIONS INFORMATION
• Use a compact plane for the switch node (SW) to improve
cooling of the MOSFETs and to keep EMI down.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper. Flood-
ing with copper reduces the temperature rise of power
components. Connect these copper areas to any DC
net (VIN, VOUT, GND or to any other DC rail in your
system).
When laying out a printed circuit board without a ground
plane, use the following checklist to ensure proper opera-
tion of the controller. These items are also illustrated in
Figure 7.
• Segregate the signal and power grounds. All small
signal components should return to the SGND pin at
one point, which is then tied to the PGND pin.
• Connect the input capacitor(s) CIN close to the IC. This
capacitor carries the MOSFET AC current.
• Keep the high dV/dT SW, BOOST and TG nodes away
from sensitive small-signal nodes.
• Connect the INTVCC decoupling capacitor CVCC closely
to the INTVCC and PGND pins.
• Connect the top driver boost capacitor CB closely to
the BOOST and SW pins.
• Connect the VIN pin decoupling capacitor CF closely to
the VIN and PGND pins.
EXTVCC
C4
0.01μF
CIN: TAIYO YUDEN GMK325BJ106MM-B
COUT: TDKC2012X5ROJ226M
L1: CDEP85NP-R80MC-50
C5: MURATA GRM31CR60J226KE19
KEEP POWER GROUND AND SIGNAL GROUND SEPARATE.
CONNECT AT ONE POINT.
3608 F06
VOUT
2.5V AT
8A
GND
COUT1
100μF
×2
C5
22μF
6.3V
L1
0.8μH
GND
VIN
VIN
5V TO 18V
CIN
10μF
35V
3×
C6
10μF
35V
+
(OPTIONAL)
+
(OPTIONAL)
SW
SW
INTVCC
CB1
0.22μF
DB
CMDSH-3
VIN
CSS
0.1μF
RSS1
510k
PGND
SGND
R3
0Ω
(OPTIONAL)
SW
INTVCC
CVCC
4.7μF
6.3V
VIN
CF
0.47μF
25V
RF1
1Ω
R5
11.3k
CC1
1500pF
CON
0.01μF
VIN
(OPTIONAL)
RON
187k
1%
VOUT
C2
C1
(OPTIONAL)
R1
9.5k
1%
R2
30.1k
1%
(OPTIONAL)
INTVCC
C3
(OPTIONAL)
RPG1
100k
CC2
100pF
LTC3608
SGND
26
NC
25
NC
24
VFB
23
ION
22
NC
21
SGND
20
FCB
19
ITH
18
VRNG
17
PGOOD
16
SGND
15
1
2
3
4
5
6
7
8
9 10 11 12 13 14
40 39 38 37 36 35 34 33 32 31 30 29 28 27
SW
41
SW
42
SW
43
SW
44
SW
45
SW
46
SW
47
PVIN
48
PVIN
49
PVIN
50
PVIN
51
PVIN
52
SGND
VOUT
RVON
0Ω
0.1μF
= SGND
= PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com