Electronic Components Datasheet Search
  English  ▼

X  

LTC3608 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3608
Description  18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3608 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3608 Datasheet HTML 2Page - Linear Technology LTC3608 Datasheet HTML 3Page - Linear Technology LTC3608 Datasheet HTML 4Page - Linear Technology LTC3608 Datasheet HTML 5Page - Linear Technology LTC3608 Datasheet HTML 6Page - Linear Technology LTC3608 Datasheet HTML 7Page - Linear Technology LTC3608 Datasheet HTML 8Page - Linear Technology LTC3608 Datasheet HTML 9Page - Linear Technology LTC3608 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3608
6
3608fa
INPUT VOLTAGE (V)
4
18
16
14
12
10
3608 G17
4
6
8
812
16
20
TEMPERATURE (°C)
–50
–25
1.0
1.4
2.0
0
50
75
3608 G20
1.2
1.8
1.6
25
100
125
INPUT VOLTAGE (V)
0
800
1000
1400
1200
15
3608 G21
600
400
510
20
200
0
30
25
15
5
40
35
20
10
0
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
INTVCC LOAD CURRENT (mA)
0
0.10
0.20
0.30
40
3608 G22
0
–0.20
–0.10
–0.40
–0.30
10
20
30
50
Error Amplifier gm vs Temperature
Input and Shutdown Currents
vs Input Voltage
INTVCC Load Regulation
VFB (V)
0
0
5
10
15
0.1
0.2
0.3
0.4
0.5
0.6
3608 G18
TEMPERATURE (°C)
–50
–25
0
5
20
050
75
3608 G16
15
10
25
100
125
TEMPERATURE (°C)
–50
0.58
0.59
0.60
0.61
0.62
–25
0
25
50
3608 G19
75
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Valley Current Limit
in Foldback
Maximum Valley Current Limit
vs Temperature
Feedback Reference Voltage
vs Temperature
Input Voltage
vs Maximum Valley Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com