Electronic Components Datasheet Search
  English  ▼

X  

LTC3642 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3642
Description  High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3642 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3642 Datasheet HTML 9Page - Linear Technology LTC3642 Datasheet HTML 10Page - Linear Technology LTC3642 Datasheet HTML 11Page - Linear Technology LTC3642 Datasheet HTML 12Page - Linear Technology LTC3642 Datasheet HTML 13Page - Linear Technology LTC3642 Datasheet HTML 14Page - Linear Technology LTC3642 Datasheet HTML 15Page - Linear Technology LTC3642 Datasheet HTML 16Page - Linear Technology LTC3642 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3642
13
3642f
APPLICATIONS INFORMATION
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 6.
VFB
LTC3642
GND
VOUT
R2
R1
Figure 6. Setting the Output Voltage
To minimize the no-load supply current, resistor values in
the megohm range should be used. The increase in supply
current due to the feedback resistors can be calculated
from:
ΔI
V
RR
V
V
VIN
OUT
OUT
IN
=
+
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
12
•
Run Pin with Programmable Hysteresis
The LTC3642 has a low power shutdown mode controlled
by the RUN pin. Pulling the RUN pin below 0.7V puts the
LTC3642 into a low quiescent current shutdown mode
(IQ ~ 3μA). When the RUN pin is greater than 1.2V, the
controller is enabled. Figure 7 shows examples of con-
figurations for driving the RUN pin from logic.
LTC3642
RUN
4.7M
VIN
3642 F07
LTC3642
RUN
VSUPPLY
Figure 7. RUN Pin Interface to Logic
The RUN pin can alternatively be configured as a precise
undervoltage lockout (UVLO) on the VIN supply with a
resistive divider from VIN to ground. The RUN pin com-
parator nominally provides 10% hysteresis when used in
this method; however, additional hysteresis may be added
with the use of the HYST pin. The HYST pin is an open-
drain output that is pulled to ground whenever the RUN
comparator is not tripped. A simple resistive divider can
be used as shown in Figure 8 to meet specific VIN voltage
requirements.
Specific values for these UVLO thresholds can be computed
from the following equations:
Ri
g V UVLO Threshold
V
R
R
IN
sin  
 
 
.
•
=+
⎛
⎝⎜
⎞
⎠
121
1
1
2⎟⎟
=+
+
Fall g V UVLO Threshold
V
R
RR
IN
in  
 
 
.
•
110
1
1
2
3
3
⎛
⎝⎜
⎞
⎠⎟
The minimum value of these thresholds is limited to the
internal VIN UVLO thresholds that are shown in the Electri-
cal Characteristics table. The current that flows through
this divider will directly add to the shutdown, sleep and
active current of the LTC3642, and care should be taken to
minimize the impact of this current on the overall efficiency
of the application circuit. Resistor values in the megohm
range may be required to keep the impact on quiescent
shutdown and sleep currents low. Be aware that the HYST
pin cannot be allowed to exceed its absolute maximum
rating of 6V. To keep the voltage on the HYST pin from
exceeding 6V, the following relation should be satisfied:
V
R
RR
R
V
IN MAX
() •
3
12
3
6
++
⎛
⎝⎜
⎞
⎠⎟
<
The RUN pin may also be directly tied to the VIN supply
for applications that do not require the programmable
undervoltage lockout feature. In this configuration, switch-
ing is enabled when VINsurpassestheinternalundervoltage
lockout threshold.
Soft-Start
The internal 0.75ms soft-start is implemented by ramping
both the effective reference voltage from 0V to 0.8V and the
peak current limit set by the ISET pin (25mA to 115mA).
RUN
LTC3642
HYST
VIN
R2
R1
R3
3642 F08
Figure 8. Adjustable Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com