Electronic Components Datasheet Search
  English  ▼

X  

LTC3642 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3642
Description  High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3642 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3642 Datasheet HTML 2Page - Linear Technology LTC3642 Datasheet HTML 3Page - Linear Technology LTC3642 Datasheet HTML 4Page - Linear Technology LTC3642 Datasheet HTML 5Page - Linear Technology LTC3642 Datasheet HTML 6Page - Linear Technology LTC3642 Datasheet HTML 7Page - Linear Technology LTC3642 Datasheet HTML 8Page - Linear Technology LTC3642 Datasheet HTML 9Page - Linear Technology LTC3642 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3642
6
3642f
PIN FUNCTIONS
SW (Pin 1): Switch Node Connection to Inductor. This
pin connects to the drains of the internal power MOSFET
switches.
VIN (Pin 2): Main Supply Pin. A ceramic bypass capacitor
should be tied between this pin and GND (Pin 8).
ISET (Pin 3): Peak Current Set Input. A resistor from this
pin to ground sets the peak current trip threshold. Leave
floating for the maximum peak current (115mA). Short
this pin to ground for the minimum peak current (25mA).
A 1μA current is sourced out of this pin.
SS (Pin 4): Soft-Start Control Input. A capacitor to ground
at this pin sets the ramp time to full current output dur-
ing start-up. A 5μA current is sourced out of this pin. If
left floating, the ramp time defaults to an internal 0.75ms
soft-start.
RUN (Pin 5): Run Control Input. A voltage on this pin
above 1.2V enables normal operation. Forcing this pin
below 0.7V shuts down the LTC3642, reducing quiescent
current to approximately 3μA.
VOUT/VFB (Pin 6): Output Voltage Feedback. For the fixed
output versions, connect this pin to the output supply. For
the adjustable version, an external resistive divider should
be used to divide the output voltage down for comparison
to the 0.8V reference.
HYST (Pin 7): Run Hysteresis Open-Drain Logic Output.
This pin is pulled to ground when RUN (Pin 5) is below
1.2V. This pin can be used to adjust the RUN pin hysteresis.
See Applications Information.
GND (Pin 8): Chip Ground.
Exposed Pad (Pin 9):
Ground. Must be soldered to PCB
ground for optimal electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com