Electronic Components Datasheet Search
  English  ▼

X  

LTC3705 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3705
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3705 Datasheet HTML 9Page - Linear Technology LTC3705 Datasheet HTML 10Page - Linear Technology LTC3705 Datasheet HTML 11Page - Linear Technology LTC3705 Datasheet HTML 12Page - Linear Technology LTC3705 Datasheet HTML 13Page - Linear Technology LTC3705 Datasheet HTML 14Page - Linear Technology LTC3705 Datasheet HTML 15Page - Linear Technology LTC3705 Datasheet HTML 16Page - Linear Technology LTC3705 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3705
13
3705fb
APPLICATIO S I FOR ATIO
Pulse Transformer
The pulse transformer that connects the LTC3706 to the
LTC3705 performs the dual functions of gate drive duty
cycle encoding and gate drive bias supply for the LTC3705
by way of the on-chip full-wave rectifier. The designs of the
LTC3705 and LTC3706 have been coordinated so that the
transformer turn ratio is:
NLTC3705 = 2NLTC3706
where NLTC3705 is the number of turns in the winding
connected to the FB/IN+ and FS/IN– pins of the LTC3705
and NLTC3706 is the number of turns in the winding
connected to the PT+ and PT– pins of the LTC3706. The
winding connected to the LTC3706 must be able to with-
stand volt-seconds equal to:
(– )
Vs
V
f
MAX
CC
=
2
where VCCis the maximum supply voltage for the LTC3706
and f is the operating frequency of the LTC3706.
Auxiliary Supply
When used with the LTC3706, the LTC3705 does not
require an auxiliary supply to provide primary-side gate-
drive bias current. After start-up, primary-side gate drive
current is provided by the LTC3706 through a small pulse
transformer and the LTC3705’s on-chip rectifier.
However, when used as a standalone primary-side con-
troller, the LTC3705 may require a conventional gate-drive
bias supply as shown in Figure 3. The bias supply must be
designed to keep the voltage on the VCC pin between the
absolute maximum of 15V and the gate-drive undervoltage
lockout of 7V.
The auxiliary supply is connected in parallel with VCC. The
linear regulator maintains VCC at 8V. If the auxiliary supply
produces more than 8V, it turns off the external NMOS
before the LTC3705 can time out the linear regulator. If the
auxiliary supply produces less than 8V, the linear regulator
times out and then the voltage on the VCC pin declines to
the voltage produced by the auxiliary supply.
Slave Mode Operation
When the LTC3705 is paired with the LTC3706, multiple
pairs can be used to form a PolyPhase converter. In
PolyPhase operation, one LTC3705 becomes the “master”
while the remainder become “slaves.” The master con-
trols start-up in the same manner as for the single-phase
converter, while the slaves do not begin switching until
receiving PWM information through their own pulse trans-
former from their corresponding LTC3706. To synchro-
nize operation, the SSFLT and VCC pins of the master are
connected to the corresponding pins of all the slaves. The
master is designated by connection of the frequency set
resistor to the FS/IN– pin while this resistor is omitted from
the slaves. For the slaves the NDRV pin is connected to the
VCC pin. See the following section on PolyPhase Applica-
tions for more detail.
PolyPhase Applications
Figure 4 shows the basic connections for using the LTC3705
and LTC3706 in PolyPhase applications. One of the phases
is always identified as the “master,” while all other phases
are “slaves.” For the LTC3705 (primary side), the master
performs the open-loop start-up and supplies the initial
VCC voltage for the master and all slaves. The LTC3705
slaves are put into that mode by omitting the resistor on
FS/IN–. The LTC3705 slaves simply stand by and wait for
PWM signals from their respective pulse transformers.
Since the SSFLT pins of master and slave LTC3705s are
interconnected, a FAULT (overcurrent, etc.) on any one of
the phases will perform a shutdown/restart on all phases
together.
POWER
TRANSFORMER
2.2
µF
PRIMARY
WINDING NP
SECONDARY
WINDING NS
BAS21
BAS21
1mH
VIN
LTC3705
3705 F03
NDRV
VCC
GND
AUXILIARY
WINDING NA
Figure. 3. Auxiliary Supply for Primary-Side Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com