| Electronic Components Datasheet Search |
|
LTC3705 Datasheet(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3705 Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 20 page ![]() LTC3705 6 3705fb PI FU CTIO S GND (Pin 1): Signal Ground. IS (Pin 2): Input to the Overcurrent Comparator. Connect to the positive terminal of a current-sense resistor in series with the source of the ground-referenced bottom MOSFET. VSLMT (Pin 3): Volt-Second Limit. Form an R-C integrator by connecting a resistor from VIN to VSLMT and a capacitor from VSLMT to ground. The gate drives are turned off when the voltage on the VSLMT pin exceeds 1.25V. UVLO (Pin 4): Undervoltage Lockout. Connect to a resis- tive voltage divider to monitor input voltage VIN. Enables converter operation for VUVLO > 1.242V. Hysteresis is a fixed 16mV hysteresis voltage with a 4.9 µA hysteresis current that combines with the Thevenin resistance of the divider to set the total UVLO hysteresis voltage. This input also senses VIN for voltage feedforward. Finally, this pin can be used for external run/stop control. SSFLT (Pin 5): Combination Soft-Start and Fault Indica- tor. A capacitor to GND sets the duty cycle ramp-up rate during start-up. To indicate a fault, the SSFLT pin is momentarily pulled up to within 1.3V of VCC. NDRV (Pin 6): Drive for the External NMOS of the Linear Regulator. Connect to the gate of the NMOS and connect a pull up resistor to the input voltage VIN. Optionally, to create a trickle charger omit the NMOS device and connect NDRV to VCC. FB/IN+ (Pin 7): This pin has several functions. The two terminals of one pulse transformer winding are connected to the FB/IN+ and FS/IN– pins. The other pulse transformer winding is connected to the LTC3706. The LTC3705 automatically detects when the LTC3706 applies a pulse- encoded signal to the FB/IN+ and FS/IN– pins and decodes duty cycle information for control of the primary-side gate drives (see Operation below). In secondary-side control, primary-side gate drive bias power is also extracted from the FB/IN+ and FS/IN– pins using an on-chip full-wave rectifier. For primary-side control connect this pin to an optoisolator for feedback control of converter output voltage using an internal optoisolator biasing network. FS/IN– (Pin 8): This pin has several functions. Place a resistor from this pin to GND to set the oscillator fre- quency. For secondary-side control with the LTC3706, connect one winding of the pulse transformer for opera- tion as described for the FB/IN+ pin above. PGND (Pin 9): Supply Return for the Bottom Gate Driver and the On-Chip Bridge Rectifier. BG (Pin 10): Bottom Gate Driver. Connect to the gate of the “low side” external MOSFET. VCC (Pin 11): Main VCC Power for All Driver and Control Circuitry. NC (Pins 12, 13): Voltage Isolation Pins. No connection. Provided to allow adequate clearance between high-volt- age pins (BOOST, TG, and TS) and the remainder of the pins. BOOST (Pin 14): Top Gate Driver Supply. Connect to VCC with a diode to supply power to the “high side” external MOSFET and bypass with a capacitor to TS. TG (Pin 15): Top Gate Driver. Connect to the gate of the “high side” external MOSFET. TS (Pin 16): Supply Return for the Top Gate Driver. Connect to the source of the “high side” external MOSFET. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |