Electronic Components Datasheet Search
  English  ▼

X  

PCF1C Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # PCF1C
Description  Fixed Ceramic Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF1C Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  PCF1C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS-02 R6
PAGE 3 OF 6
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
5. Characteristics (Continued)
Characteristics
Test Method
No.
Requirement
(MIL-STD 202)
3
4
Voltage Coefficient
from 1k ohms ~
(Method 309)
0 ~ -0.2%/V
Within
± (2% + 0.05 ohm)
Short Time Overload
The resistance shall be measured at one-tenth the
RCWV and at full RCWV. Application of voltages
shall be momentary to minimize heating effects.
The resistance - voltage coefficient shall be
calculated with the following formula:
A well regulated DC or sine wave RMS voltage
2.5 times the RCWV, but not exceeding the limit
values listed in Table 1, shall be applied for 5
seconds. Resistance shall be measured before
and approximately 30 minutes after the application
of the test voltage.
Voltage Coefficient =
(R-r) x 100
Where: R is the resistance at full RCWV
r is the resistance at one-tenth RCWV
Percent Per Volt
r x 0.9 (RCWV)
5
6
Resistance change shall
be ± (1% + 0.05 ohm) of
the Pre-test value, with
no terminal loosening,
and lead-wire break-
down developing.
Resistance change shall
be ± (2% + 0.05 ohm) of
the Pre-test value, with
no terminal loosening
and lead-wire break-
down developing.
Terminal Strength
(Method 211)
Vibration
(Method 201)
Initial resistance shall be measured. The frequency
shall be varied approximately logarithmically
between the nominal limits of 10 to 55 Hertz with
a return sweep to 10 Hertz shall be traversed in
approximately 1 minute. This sweep cycle shall
be performed repeatedly for 2 hours in each three
directions to perpendicular. Final measurements
and examination for mechanical failures shall be
made after the test.
Test Item
Lead wire (D) (mm)
Test
Ø 0.6, 0.7
Ø 0.8
Method
Tensile
10N
20N
30 ± 5 sec
Strength
(1.02kgf)
(2.04kgf)
Bending
0.51kgf
–––––––
5N (0.5kgf)
Strength
–––––––
1.02kgf
10N (1.02kgf)
Initial resistance shall be measured. Resistor leads
shall then be immersed, one at a time for 3.5 ± 0.5
sec. each, in molten solder at +350°C ± 10°C to a
distance of 2 - 2.5mm from the resistor body. Final
resistance shall be measured 2 ± 1 hr. after the
immersions.
Resistance change shall
be ± (2% + 0.05 ohm)
of the Pre-test value with
no mechanical damage
in appearance and
marking.
Resistance to
soldering heat
(Method 210)
7
SS-02 R6
6/20/07
3:37 PM
Page 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com