Electronic Components Datasheet Search
  English  ▼

X  

PCF1C Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # PCF1C
Description  Fixed Ceramic Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF1C Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  PCF1C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SS-02 R6
PAGE 5 OF 6
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
12
Test circuit is shown below.
1 sec. on and 1 sec. off 20,000 cycles.
The voltage is applied with maximum pulse
voltage shown in Table 1.
Resistance change shall
be ± 5% of the Pre-test
value.
Resistance to pulse
10k ohm
SW
C = 1000pF
Rx
DC
5. Characteristics (Continued)
13
Initial resistance shall be measured. The resistors
shall then be exposed to the air stream at -40°C ±
3°C for 24 hours with no voltage applied, after
which the resistors shall be placed at room
temperature, final resistance shall be measured.
Resistance change shall
be ± 5% of the Pre-test
value.
Low Temperature
Operation
14
Thermal Shock
(Method 107)
Resistance change shall
be ± (2% ± 0.05 ohm) of
the Pre-test value.
Initial resistance shall be measured. The resistors
shall be subjected to the temperature cycle speci-
fied below for a total of five cycles, performed con-
tinuously. Temperatures in Steps 1 and 3 shall be
maintained by forced air circulation. The hot and
cold chambers shall be of such capacity that air
temperature will reach the temperatures specified
in Table 4 within 2 minutes after the resistors have
been placed in the appropriate chamber. Final
resistance shall be measured approximately one
hour after completion of the fifth cycle.
Thermal Shock Test Sequence
Step
Temperature (°C)
Time (min.)
1
-40 ± 3
30
2
+25 ± 5
10 ~ 15
3
+85 ± 2
30
4
+25 ± 5
10 ~ 15
15
Moisture Resistance
Resistance change shall
be ± 5% of the Pre-test
value.
Initial resistance shall be measured before the
test. Resistors shall be exposed to a temperature
of 40 ± 2°C and a relative humidity of 90 - 95%, for
1,000 hours. After removal from the chamber, the
resistors shall be allowed to dry at room ambient
for approximately one hour. Final resistance shall
be measured.
SS-02 R6
6/20/07
3:37 PM
Page 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com