Electronic Components Datasheet Search
  English  ▼

X  

LB8653FN Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB8653FN
Description  DSC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8653FN Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB8653FN Datasheet HTML 1Page - Sanyo Semicon Device LB8653FN Datasheet HTML 2Page - Sanyo Semicon Device LB8653FN Datasheet HTML 3Page - Sanyo Semicon Device LB8653FN Datasheet HTML 4Page - Sanyo Semicon Device LB8653FN Datasheet HTML 5Page - Sanyo Semicon Device LB8653FN Datasheet HTML 6Page - Sanyo Semicon Device LB8653FN Datasheet HTML 7Page - Sanyo Semicon Device LB8653FN Datasheet HTML 8Page - Sanyo Semicon Device LB8653FN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LB8653T, LB8653FN
No.7982-5/14
Pin Description
Protection diode
Pin number
Upper side
Lower side
LB8653T
LB8653FN
Pin name
Description
VB
VCC
PGND
SGND
24
38, 39
VB
Battery power supply
13
17, 18
VCC
ditto
23
36, 37
PGND
Power system GND
6
4, 5
SGND
Control system GND
19
IM
OUT7 and OUT8 current detection pin
14
20
IM
OUT7 and OUT8 current detection feedback pin
22
32
OUT1
Motor drive output
21
31
OUT2
ditto
20
30
OUT3
ditto
19
29
OUT4
ditto
18
28
OUT5
ditto
17
27
OUT6
ditto
16
25, 26
OUT7
ditto
15
23, 24
OUT8
ditto
Continued on next page.
13
1
(NC)
2
IN1
3
IN2
4
SGND
5
SGND
6
(NC)
7
(NC)
8
VC1
9
VC2
10
VC3
11
VREF
12
14
15
16
17
18
19
20
21
22
26 OUT7
25 OUT7
24 OUT8
23 OUT8
27 OUT6
28 OUT5
33 (NC)
32 OUT1
31 OUT2
30 OUT3
29 OUT4
34
35
36
37
38
39
40
41
42
43
44
LB8653FN
Top view
ILB01660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com