Electronic Components Datasheet Search
  English  ▼

X  

LB8653FN Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB8653FN
Description  DSC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8653FN Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB8653FN Datasheet HTML 2Page - Sanyo Semicon Device LB8653FN Datasheet HTML 3Page - Sanyo Semicon Device LB8653FN Datasheet HTML 4Page - Sanyo Semicon Device LB8653FN Datasheet HTML 5Page - Sanyo Semicon Device LB8653FN Datasheet HTML 6Page - Sanyo Semicon Device LB8653FN Datasheet HTML 7Page - Sanyo Semicon Device LB8653FN Datasheet HTML 8Page - Sanyo Semicon Device LB8653FN Datasheet HTML 9Page - Sanyo Semicon Device LB8653FN Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LB8653T, LB8653FN
No.7982-6/14
Continued from preceding page.
Protection diode
Pin number
Upper side
Lower side
LB8653T
LB8653FN
Pin name
Description
VB
VCC
PGND
SGND
1
40
MD1
Control signal input
2
41
MD2
ditto
3
42
MD3
ditto
4
2
IN1
ditto
5
3
IN2
ditto
10
11
VREF
Reference voltage output
7
8
VC1
Constant-voltage setting reference input
8
9
VC2
ditto
9
10
VC3
ditto
12
15
FC
Phase compensation pin
11
14
IC
Constant-current setting reference input
Block Diagram
Note1 : When the input voltage to the IC pin is set with the resistor dividing reference voltage such as VREF,
make sure not to use “VC1”, “VC2” and “VC3”, together with the voltage-dividing resisters.
(In any mode other than shutter mode, the IC pin discharge transistor inside the IC pin switches to ON.)
Note2 : The above block diagram applies to LB8653FN. For the LB8653T, a single pin is provided for VB, VCC,
PGND, SGND, OUT7 and OUT8 respectively.
ILB01658



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com