Electronic Components Datasheet Search
  English  ▼

X  

STS8235 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STS8235
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8235 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STS8235 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8235 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STS8235
Ver 1.0
www.samhop.com.tw
Aug,14,2008
5
Square Wave Pulse Duration(sec)
Figure 15. Normalized Thermal Transient Impedance Curve
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
P DM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
Figure 13. Switching Test Circuit
Figure 14. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
P ULS E WIDTH
INVE R TE D
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com