Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2000 Datasheet HTML 3Page - Texas Instruments BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments BQ2000 Datasheet HTML 10Page - Texas Instruments BQ2000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
nickel-based pack is below that of the Li-Ion pack. Oth-
erwise, different scaling is required.
Minimum Current (Li-Ion Only)
The bq2000 monitors the charging current during the
voltage-regulation phase of Li-Ion batteries. Fast charge
is terminated when the current is tapered off to 14% of
the maximum charging current.
Initial Hold-Off Period
The values of the external resistor and capacitor
connected to pin RC set the initial hold-off period.
During this period, the bq2000 avoids early termination
due to an initial rise in the battery voltage by disabling
the peak voltage-detection feature. This period is fixed
at the programmed value of the maximum charge time
divided by 32.
hold-off period =
maximum time - out
32
Top-Off and Pulse-Trickle Charge
An optional top-off charge is available for NiCd or NiMH
batteries. Top-off may be desirable on batteries that
have a tendency to terminate charge before reaching full
capacity. To enable this option, the capacitance value of
CMTO connected to pin RC (Figure 4) should be greater
than 0.13
µF, and the value of the resistor connected to
this pin should be less than 15k
Ω. To disable top-off, the
capacitance value should be less than 0.07
µF. The toler-
ance of the capacitor needs to be taken into account in
component selection.
Once enabled, the top-off is performed over a period
equal to the maximum charge time at a rate of 116 that
of fast charge.
Following top-off, the bq2000 trickle-charges the battery
by enabling the MOD to charge at a rate of once every
1.0 second. The trickle pulse-width is user-selectable
and is set by the value of the resistor RMTO, connected to
pin RC. Figure 7 shows the relationship between the
trickle pulse-width and the value of RMTO. The typical
tolerance of the pulsewidth below 150k
Ω is ±10%.
During top-off and trickle-charge, the bq2000 monitors
battery voltage and temperature. These charging func-
tions are suspended if the battery voltage rises above
the maximum cell voltage (VMCV) or if the temperature
exceeds the high-temperature fault threshold (VHTF).
Charge Current Control
The bq2000 controls the charge current through the
MOD output pin. The current-control circuit supports a
switching-current regulator with frequencies up to
500kHz. The bq2000 monitors charge current at the
SNS input by the voltage drop across a sense-resistor,
RSNS, in series with the battery pack. See Figure 9 for a
typical current-sensing circuit. RSNS is sized to provide
the desired fast-charge current (IMAX):
IMAX =
0.05
RSNS
If the voltage at the SNS pin is greater than VSNSLO or
less than VSNSHI, the bq2000 switches the MOD output
high to pass charge current to the battery. When the
7
bq2000
1
2468
10
50
100
150
200
250
2
3
4
20
40
60
RMTO—k
Ω
80
100
120
140
160
180
200
2000PNvB3.eps
Shows Tolerance
Figure 7. Relationship Between Trickle Pulse-Width and Value of RMTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com