Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments BQ2000 Datasheet HTML 10Page - Texas Instruments BQ2000 Datasheet HTML 11Page - Texas Instruments BQ2000 Datasheet HTML 12Page - Texas Instruments BQ2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SNS voltage is less than VSNSLO or greater than VSNSHI,
the bq2000 switches the MOD output low to shut off
charging current to the battery. Figure 8 shows a typical
multi-chemistry charge circuit.
Temperature Monitoring
The bq2000 measures the temperature by the voltage at
the TS pin. This voltage is typically generated by a neg-
ative-temperature-coefficient thermistor. The bq2000
compares this voltage against its internal threshold
voltages to determine if charging is safe. These
thresholds are the following:
n High-temperature cutoff voltage: VTCO = 0.225
∗ VCC
This
voltage
corresponds
to
the
maximum
temperature (TCO) at which fast charging is allowed.
The bq2000 terminates fast charge if the voltage on
pin TS falls below VTCO.
9
bq2000
Parameter
Value*
Maximum cell voltage (VMCV)2V
Minimum pre-charge qualification voltage (VLBAT)
950mV
High-temperature cutoff voltage (VTCO)
0.225
∗ VCC
High-temperature fault voltage (VHTF)
0.25
∗ VCC
Low-temperature fault voltage (VLTF)
0.5
∗ VCC
bq2000 fast-charge maximum time out (MTO)
RMTO
∗ CMTO ∗ 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Top-off charging current (optional)
IMAX/16
Top-off period (optional)
MTO
Trickle-charge frequency
1Hz
Trickle-charge pulse-width
See Figure 7
*Please refer to DC Thresholds Specification for details.
Table 2. Summary of NiCd or NiMH Charging Characteristics
Parameter
Value*
Maximum cell voltage (VMCV)2V
Minimum pre-charge qualification voltage (VLBAT)
950mV
High-temperature cutoff voltage (VTCO)
0.225
∗ VCC
High-temperature fault voltage (VHTF)
0.25
∗ VCC
Low-temperature fault voltage (VLTF)
0.5
∗ VCC
bq2000 fast-charge maximum time-out (MTO)
2
∗ RMTO ∗ CMTO ∗ 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Minimum current (for fast-charge termination)
IMAX/7
Trickle-charge frequency (before fast charge only)
1Hz
Trickle-charge pulse-width (before fast charge only)
See Figure 7
*Please refer to DC Thresholds Specification for details.
Table 3. Summary of Li-Ion Charging Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com