Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TS Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2000TS
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000TS Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2000TS Datasheet HTML 8Page - Texas Instruments BQ2000TS Datasheet HTML 9Page - Texas Instruments BQ2000TS Datasheet HTML 10Page - Texas Instruments BQ2000TS Datasheet HTML 11Page - Texas Instruments BQ2000TS Datasheet HTML 12Page - Texas Instruments BQ2000TS Datasheet HTML 13Page - Texas Instruments BQ2000TS Datasheet HTML 14Page - Texas Instruments BQ2000TS Datasheet HTML 15Page - Texas Instruments BQ2000TS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
bq2000
Impedance
Symbol
Parameter
Minimum
Typical
Maximum
Unit
RBAT
Battery input impedance
10
-
-
M
Ω
RTS
TS input impedance
10
-
-
M
Ω
RSNS
SNS input impedance
10
-
-
M
Ω
Recommended DC Operating Conditions (TA =TOPR)
Symbol
Condition
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.0
5.0
6.0
V
ICC
Supply current
-
0.5
1
mA
Exclusive of external loads
ICCS
Sleep current
-
-
5
µA
VBAT =VSLP
VTS
Thermistor input
0.5
-
VCC
VVTS < 0.5V prohibited
VOH
Output high
VCC - 0.6
-
-
V
MOD, IOH = 10mA
VOL
Output low
-
-
0.2
V
MOD, LED, IOL = 10mA
IOZ
High-impedance leakage
current
--
5
µA
LED
Isnk
Sink current
-
-
20
mA
MOD, LED
RMTO
Charge timer resistor
2
-
250
k
Ω
CMTO
Charge timer capacitor
0.001
-
1.0
µF
Note:
All voltages relative to VSS except as noted.
Timing (TA =TOPR;VCC =5V ±20% unless otherwise specified)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
dMTO
MTO time-base variation
-5
-
+5
%
fTRKL
Pulse-trickle frequency
0.9
1.0
1.1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com