Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TS Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ2000TS
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000TS Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ2000TS Datasheet HTML 10Page - Texas Instruments BQ2000TS Datasheet HTML 11Page - Texas Instruments BQ2000TS Datasheet HTML 12Page - Texas Instruments BQ2000TS Datasheet HTML 13Page - Texas Instruments BQ2000TS Datasheet HTML 14Page - Texas Instruments BQ2000TS Datasheet HTML 15Page - Texas Instruments BQ2000TS Datasheet HTML 16Page - Texas Instruments BQ2000TS Datasheet HTML 17Page - Texas Instruments BQ2000TS Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
bq2000
Change No.
Page No.
Description
Nature of Change
1
4
MTO equation
Was: MTO = R
∗ C ∗ 71,976
Is: MTO = RMTO
∗ CMTO ∗ 35,988
16
Trickle-pulse width
equation
Replaced equation with Figure 6
1
7
Figure 7
Schematic updated
110
VTCO,VHTF,VLTF
Tolerance updated
111
RMTO,CMTO
Values updated
28
VLBAT
Corrected values in Tables 2 and 3
3
1, 13
Package option
Added TSSOP
3
3
State diagram
Added
3
8
Schematic updated
311
VTSO,VHTF,VLTF
Tolerance updated
3
7
Top-off charge
Updated requirement for enabling top-off
4
7
Figure 7
Updated tolerance on the curve
412
VOH
Was: Minimum VOH =VCC - 0.2 at IOH = 20mA
Is: Minimum VOH =VCC - 0.6 at IOH = 10mA
412
VOL
Was: IOH = 20mA
Is: IOH = 10mA
5
3
Figure 2
Battery voltage detail was: (checked at all times)
Is: Voltage regulation checked constantly. PVD checked at rate
of MTO/64.
5
3
Figure 2
Battery temperature detail was: (checked at all times)
Is: (checked 1,750 times per second)
6
14
Change package
Was: 8-Pin TSSOP
∼ TS Package Suffix
Is: 8-Pin PSOP
515
Change ordering
information
Was: TS = 8-pin TSSOP
Is: PW = 8-pin TSSOP
Note:
Change 1 = Jan. 1999 B changes to Final from Sept. 1998 Preliminary data sheet.
Change 2 = Mar. 1999 C changes from Jan. 1999 B.
Change 3 = May 1999 D changes from Mar. 1999 C.
Change 4 = February 2000 E changes from May 1999 D.
Change 5 = February 2001 F changes from February 2000 E
Data Sheet Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com