Electronic Components Datasheet Search
  English  ▼

X  

BQ2004 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2004
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2004 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2004 Datasheet HTML 1Page - Texas Instruments BQ2004 Datasheet HTML 2Page - Texas Instruments BQ2004 Datasheet HTML 3Page - Texas Instruments BQ2004 Datasheet HTML 4Page - Texas Instruments BQ2004 Datasheet HTML 5Page - Texas Instruments BQ2004 Datasheet HTML 6Page - Texas Instruments BQ2004 Datasheet HTML 7Page - Texas Instruments BQ2004 Datasheet HTML 8Page - Texas Instruments BQ2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
➤ Fast charge and conditioning of
nickel cadmium or nickel-metal
hydride batteries
➤ Hysteretic PWM switch-mode
current regulation or gated con-
trol of an external regulator
➤ Easily integrated into systems or
used as a stand-alone charger
➤ Pre-charge qualification of tem-
perature and voltage
➤ Configurable, direct LED outputs
display battery and charge status
➤ Fast-charge termination by ∆ tem-
perature/
∆ time, peak volume de-
tection, -
∆V, maximum voltage,
maximum temperature, and maxi-
mum time
➤ Optional top-off charge and
pulsed current maintenance
charging
➤ Logic-level controlled low-power
mode (< 5
µA standby current)
General Description
The bq2004 Fast Charge IC provides
comprehensive fast charge control
functions together with high-speed
switching power control circuitry on a
monolithic CMOS device.
Integration of closed-loop current
control circuitry allows the bq2004
to be the basis of a cost-effective so-
lution for stand-alone and system-
integrated chargers for batteries of
one or more cells.
Switch-activated discharge-before-
charge allows bq2004-based chargers
to support battery conditioning and
capacity determination.
High-efficiency power conversion is
accomplished using the bq2004 as a
hysteretic PWM controller for
switch-mode regulation of the charg-
ing current. The bq2004 may alterna-
tively be used to gate an externally
regulated charging current.
Fast charge may begin on application
of the charging supply, replacement
of the battery, or switch depression.
For safety, fast charge is inhibited
unless/until the battery tempera-
ture and voltage are within config-
ured limits.
Temperature, voltage, and time are
monitored throughout fast charge.
Fast charge is terminated by any of
the following:
n Rate of temperature time
(
∆T/∆t)
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
After fast charge, optional top-off
and pulsed current maintenance
phases are available.
1
Fast-Charge IC
bq2004
DCMD
Discharge command
DSEL
Display select
VSEL
Voltage termination
select
TM1
Timer mode select 1
TM2
Timer mode select 2
TCO
Temperature cutoff
TS
Temperature sense
BAT
Battery voltage
1
PN2004E01.eps
16-Pin Narrow DIP
or Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INH
DIS
MOD
VCC
VSS
LED2
LED1
SNS
DCMD
DSEL
VSEL
TM1
TM2
TCO
TS
BAT
SNS
Sense resistor input
LED1
Charge status output 1
LED2
Charge status output 2
VSS
System ground
VCC
5.0V
±10% power
MOD
Charge current control
DIS
Discharge control
output
INH
Charge inhibit input
Pin Connections
SLUS063–JUNE 1999 F
Pin Names


Similar Part No. - BQ2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004 TI1-BQ2004 Datasheet
617Kb / 22P
Fast-Charge IC
BQ2004 TI2-BQ2004 Datasheet
360Kb / 22P
Fast-Charge IC
APRIL 2005 H
BQ2004E TI-BQ2004E Datasheet
151Kb / 16P
Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
172Kb / 19P
Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
295Kb / 19P
Fast-Charge ICs
More results

Similar Description - BQ2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
Lead-Acid Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
Fast-Charge IC
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com