Electronic Components Datasheet Search
  English  ▼

X  

BQ2004 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2004
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2004 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2004 Datasheet HTML 1Page - Texas Instruments BQ2004 Datasheet HTML 2Page - Texas Instruments BQ2004 Datasheet HTML 3Page - Texas Instruments BQ2004 Datasheet HTML 4Page - Texas Instruments BQ2004 Datasheet HTML 5Page - Texas Instruments BQ2004 Datasheet HTML 6Page - Texas Instruments BQ2004 Datasheet HTML 7Page - Texas Instruments BQ2004 Datasheet HTML 8Page - Texas Instruments BQ2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Functional Description
Figure 3 shows a block diagram and Figure 4 shows a
state diagram of the bq2004.
Battery Voltage and Temperature
Measurements
Battery voltage and temperature are monitored for
maximum allowable values. The voltage presented on
the battery sense input, BAT, should represent a
two-cell potential for the battery under charge.
A
resistor-divider ratio of:
RB1
RB2
=
N
2
- 1
is recommended to maintain the battery voltage within
the valid range, where N is the number of cells, RB1 is
the resistor connected to the positive battery terminal,
and RB2 is the resistor connected to the negative bat-
tery terminal. See Figure 1.
Note: This resistor-divider network input impedance to
end-to-end should be at least 200k
Ω and less than 1MΩ.
A ground-referenced negative temperature coefficient ther-
mistor placed in proximity to the battery may be used as a
low-cost temperature-to-voltage transducer. The tempera-
ture sense voltage input at TS is developed using a
resistor-thermistor network between VCC and VSS. See
Figure 1. Both the BAT and TS inputs are referenced to
SNS, so the signals used inside the IC are:
VBAT -VSNS =VCELL
and
VTS -VSNS =VTEMP
Discharge-Before-Charge
The DCMD input is used to command discharge-before-
charge via the DIS output. Once activated, DIS becomes
active (high) until VCELL falls below VEDV, at which time
DIS goes low and a new fast charge cycle begins.
The DCMD input is internally pulled up to VCC (its inac-
tive state). Leaving the input unconnected, therefore,
results in disabling discharge-before-charge. A negative
going pulse on DCMD initiates discharge-before-charge
at any time regardless of the current state of the
bq2004. If DCMD is tied to VSS, discharge-before-charge
will be the first step in all newly started charge cycles.
Starting a Charge Cycle
A new charge cycle (see Figure 2) is started by:
1.
VCC rising above 4.5V
2.
VCELL falling through the maximum cell voltage,
VMCV where:
VMCV = 0.8
∗ VCC ± 30mV
3.
A transition on the INH input from low to high.
If DCMD is tied low, a discharge-before-charge is exe-
cuted as the first step of the new charge cycle. Other-
wise, pre-charge qualification testing is the first step.
The battery must be within the configured temperature
and voltage limits before fast charging begins.
The valid battery voltage range is VEDV <VBAT <VMCV
where:
VEDV = 0.4
∗ VCC ± 30mV
The valid temperature range is VHTF <VTEMP <VLTF,
where:
3
bq2004
Fg2004a.eps
N
T
C
bq2004
VCC
PACK +
PACK -
TS
SNS
RT1
RT2
RB2
RB1
bq2004
Negative Temperature
Coefficient Thermister
PACK+
PACK-
BAT
SNS
Figure 1. Voltage and Temperature Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com