Electronic Components Datasheet Search
  English  ▼

X  

LTC3851 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3851
Description  Synchronous Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3851 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3851 Datasheet HTML 9Page - Linear Technology LTC3851 Datasheet HTML 10Page - Linear Technology LTC3851 Datasheet HTML 11Page - Linear Technology LTC3851 Datasheet HTML 12Page - Linear Technology LTC3851 Datasheet HTML 13Page - Linear Technology LTC3851 Datasheet HTML 14Page - Linear Technology LTC3851 Datasheet HTML 15Page - Linear Technology LTC3851 Datasheet HTML 16Page - Linear Technology LTC3851 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3851
13
3851f
APPLICATIONS INFORMATION
VIN
VIN
INTVCC
BOOST
TG
SW
BG
GND
INDUCTOR
DCR
L
SENSE+
SENSE–
LTC3851
VOUT
3851 F02
R1
R2
*PLACE C1 NEAR SENSE+, SENSE– PINS
C1*
R1||R2 • C1 =
RSENSE(EQ) = DCR
L
DCR
R2
R1 + R2
Figure 2. Current Mode Control Using the Inductor DCR
The DCR of the inductor can also be measured using a
good RLC meter.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing sub-harmonic oscil-
lations at high duty cycles. It is accomplished internally
by adding a compensating ramp to the inductor current
signal. Normally, this results in a reduction of maximum
inductor peak current for duty cycles >40%. However, the
LTC3851 uses a novel scheme that allows the maximum
inductor peak current to remain unaffected throughout
all duty cycles.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use of
smaller inductor and capacitor values. A higher frequency
generally results in lower efficiency because of MOSFET
gate charge losses. In addition to this basic trade-off, the
effect of inductor value on ripple current and low current
operation must also be considered.
The inductor value has a direct effect on ripple current.
The inductor ripple current
ΔIL decreases with higher
inductance or frequency and increases with higher VIN:
ΔI
fL
V
V
V
L
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
1
1
•
–
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
ΔIL = 0.3(IMAX). The maximum
ΔIL occurs at the maximum input voltage.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
≈10% of the current limit determined by RSENSE. Lower
inductor values (higher
ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or molypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value, but it is very dependent on inductance
selected. As inductance increases, core losses go down.
Unfortunately, increased inductance requires more turns
of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode (Optional)
Selection
Two external power MOSFETs must be selected for the
LTC3851 controller: one N-channel MOSFET for the top
(main) switch, and one N-channel MOSFET for the bottom
(synchronous) switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com