Electronic Components Datasheet Search
  English  ▼

X  

LTC3851 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3851
Description  Synchronous Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3851 Datasheet(HTML) 2 Page - Linear Technology

  LTC3851 Datasheet HTML 1Page - Linear Technology LTC3851 Datasheet HTML 2Page - Linear Technology LTC3851 Datasheet HTML 3Page - Linear Technology LTC3851 Datasheet HTML 4Page - Linear Technology LTC3851 Datasheet HTML 5Page - Linear Technology LTC3851 Datasheet HTML 6Page - Linear Technology LTC3851 Datasheet HTML 7Page - Linear Technology LTC3851 Datasheet HTML 8Page - Linear Technology LTC3851 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3851
2
3851f
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... 40V to –0.3V
Topside Driver Voltage (BOOST) ................ 46V to –0.3V
Switch Voltage (SW) ..................................... 40V to –5V
INTVCC, (BOOST – SW), RUN ...................... 6V to –0.3V
TK/SS, ILIM............................................ INTVCC to –0.3V
SENSE+, SENSE–.......................................... 6V to –0.3V
MODE/PLLIN, FREQ/PLLFLTR ............... INTVCC to –0.3V
ITH, VFB Voltages.......................................... 3V to –0.3V
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
MODE/PLLIN
FREQ/PLLFLTR
RUN
TK/SS
ITH
FB
SENSE–
SENSE+
SW
TG
BOOST
VIN
INTVCC
BG
GND
ILIM
TJMAX = 125°C, θJA = 90°C/W
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RUN
TK/SS
ITH
FB
BOOST
VIN
INTVCC
BG
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3851EGN#PBF
LTC3851EGN#TRPBF
3851
16-Lead Plastic SSOP
–40°C to 85°C
LTC3851EUD#PBF
LTC3851EUD#TRPBF
LCXN
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
INTVCC Peak Output Current ..................................50mA
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range
GN ..................................................... –65°C to 150°C
UD ......................................................... –65 to 125°C
Lead Temperature (Soldering, 10 sec)
GN .................................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com