Electronic Components Datasheet Search
  English  ▼

X  

LTC3872 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3872
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872 Datasheet(HTML) 1 Page - Linear Technology

  LTC3872 Datasheet HTML 1Page - Linear Technology LTC3872 Datasheet HTML 2Page - Linear Technology LTC3872 Datasheet HTML 3Page - Linear Technology LTC3872 Datasheet HTML 4Page - Linear Technology LTC3872 Datasheet HTML 5Page - Linear Technology LTC3872 Datasheet HTML 6Page - Linear Technology LTC3872 Datasheet HTML 7Page - Linear Technology LTC3872 Datasheet HTML 8Page - Linear Technology LTC3872 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3872
1
3872fa
No RSENSE
Current Mode Boost
DC/DC Controller
The LTC®3872 is a constant frequency current mode
boost DC/DC controller that drives an N-channel power
MOSFET and requires very few external components. The
No RSENSE
TM architecture eliminates the need for a sense
resistor, improves efficiency and saves board space.
The LTC3872 provides excellent AC and DC load and line
regulation with ±1.5% output voltage accuracy. It incor-
porates an undervoltage lockout feature that shuts down
the device when the input voltage falls below 2.3V.
High switching frequency of 550kHz allows the use of a
small inductor. The LTC3872 is available in an 8-lead low
profile (1mm) ThinSOTTM package and 8-pin 3mm
× 2mm
DFN package.
■ Telecom Power Supplies
■ 42V Automotive Systems
■ 24V Industrial Controls
■ IP Phone Power Supplies
■ No Current Sense Resistor Required
■ VOUT up to 60V
■ Constant Frequency 550kHz Operation
■ Internal Soft-Start and Optional External Soft-Start
■ Adjustable Current Limit
■ Pulse Skipping at Light Load
■ VIN Range: 2.75V to 9.8V
■ ±1.5% Voltage Reference Accuracy
■ Current Mode Operation for Excellent Line and Load
Transient Response
■ Low Profile (1mm) SOT-23 and 3mm
× 2mm DFN
Packages
High Efficiency 3.3V Input, 5V Output Boost Converter
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6498466, 6611131, 5731694.
ITH
IPRG
GND
VFB
VIN
SW
NGATE
LTC3872
3872 TA01
RUN/SS
17.4k
VIN
11k
1%
34.8k
1%
1nF
M1
D1
10
μF
100
μF
×2
1.8nF
47pF
1
μH
VIN
3.3V
VOUT
5V
2A
Efficiency and Power Loss vs Load Current
LOAD CURRENT (mA)
30
90
100
10
0.001
20
10
80
50
70
60
40
1
100
1000
10000
3872 TA01b
0
10
1
0.1
0.01


Similar Part No. - LTC3872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872 LINER-LTC3872 Datasheet
514Kb / 32P
Wide Input Voltage Range
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
No RSENSE Current Mode Boost DC/DC Controller
More results

Similar Description - LTC3872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
No RSENSE Synchronous Step-Up DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost,
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
No RSENSE Synchronous Step-Up DC/DC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
No RSENSE Current Mode Boost DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com