Electronic Components Datasheet Search
  English  ▼

X  

LTC4069 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 3Page - Linear Technology LTC4069 Datasheet HTML 4Page - Linear Technology LTC4069 Datasheet HTML 5Page - Linear Technology LTC4069 Datasheet HTML 6Page - Linear Technology LTC4069 Datasheet HTML 7Page - Linear Technology LTC4069 Datasheet HTML 8Page - Linear Technology LTC4069 Datasheet HTML 9Page - Linear Technology LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4069
7
4069fb
SIMPLIFIED BLOCK DIAGRAM
OPERATION
–+
–+
2
+
MP
M2
1
M1
1000
VCC
VCC
R1
R2
MIN
ENABLE
R3
R4
R5
2.9V
CHRG
6
PROG
1
GND
4069 F01
RPROG
BAT
1V
PROG
C/10
C1
–
+
TA
TDIE
115°C
0.1V
1.2V
SUSPEND
D3
TOO
HOT
TOO
COLD
NTC_EN
0.1V
D2
3.6V
D1
1.2V
REF
CA
MA
LOBAT
5
R7
NTC
R8
R9
R10
VCC
VCC
–
+
UVLO
3
4
BAT
LOGIC
COUNTER
OSCILLATOR
CHARGE CONTROL
–
+
C3
–
+
C2
C5
VA
4V
–
+
SHUTDOWN
SUSPEND
OR
AND
RNOM
RNTC
C4
Figure 1. LTC4069 Block Diagram
The LTC4069 is a linear battery charger designed primarily
for charging single cell lithium-ion batteries. Featuring
an internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current. Charge current can be programmed
up to 750mA with a final float voltage accuracy of ±0.6%.
The CHRG open-drain status output indicates if C/10 has
been reached. No blocking diode or external sense resistor
is required; thus, the basic charger circuit requires only
two external components. An internal termination timer
and trickle charge low-battery conditioning adhere to
battery manufacturer safety guidelines. Furthermore, the
LTC4069 is capable of operating from a USB power
source.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 115°C. This feature protects
the LTC4069 from excessive temperature and allows the
user to push the limits of the power handling capability
of a given circuit board without risk of damaging the
LTC4069 or external components. Another benefit of
the LTC4069 thermal limit is that charge current can
be set according to typical, not worst-case, ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com