Electronic Components Datasheet Search
  English  ▼

X  

LTC4069 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 8Page - Linear Technology LTC4069 Datasheet HTML 9Page - Linear Technology LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology LTC4069 Datasheet HTML 12Page - Linear Technology LTC4069 Datasheet HTML 13Page - Linear Technology LTC4069 Datasheet HTML 14Page - Linear Technology LTC4069 Datasheet HTML 15Page - Linear Technology LTC4069 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4069
14
4069fb
APPLICATIONS INFORMATION
4069 F06
RNOM
8.87k
RNTC
10k
VCC
–
+
TOO COLD
TOO HOT
NTC_ENABLE
R1
604Ω
0.76 • VCC
0.35 • VCC
0.016 • VCC
6
NTC
Figure 6. NTC Circuits
Thermistors
The LTC4069 NTC trip points are designed to work with
thermistors whose resistance-temperature characteristics
follow Vishay Dale’s “R-T Curve 1.” The Vishay
NTHS0603N01N1003J is an example of such a thermistor.
However, Vishay Dale has many thermistor products that
follow the “R-T Curve 1” characteristic in a variety of sizes.
Furthermore, any thermistor whose ratio of RCOLD to RHOT
is about 6 will also work (Vishay Dale R-T Curve 1 shows
a ratio of RCOLD to RHOT of 3.266/0.5325 = 6.13).
Designers may want to use thermistors whose room
temperature value is different than 100k. Vishay Dale
has a number of values of thermistor from 32k to 100k
that follow the “R-T Curve 1.” Using different R-T curves,
such as Vishay Dale “R-T Curve 2”, is also possible. This
curve, combined with LTC4069 internal thresholds, gives
temperature trip points of approximately –3°C (falling) and
42°C (rising), a delta of 45°C. This delta in temperature
can be moved in either direction by changing the value of
RNOM with respect to RNTC. Increasing RNOM will move
both trip points to higher temperatures. To calculate
RNOM for a shift to lower temperature for example, use
the following equation:
R
R
Rat
C
NOM
COLD
NTC
=°
3 266
25
.
•
where RCOLD is the resistance ratio of RNTC at the desired
cold temperature trip point. If you want to shift the trip points
to higher temperatures use the following equation:
R
R
Rat
C
NOM
HOT
NTC
=°
0 5325
25
.
•
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
Here is an example using a 10k R-T Curve 2 thermistor
from Vishay Dale. The difference between the trip points
is 45°C, from before, and we want the cold trip point to
be 0°C, which would put the hot trip point at 45°C. The
RNOM needed is calculated as follows:
R
R
Rat
C
NOM
COLD
NTC
=°
=
3 266
25
2 816
3
.
•
.
..
•.
266
10
8 62
kk
=
The nearest 1% value for RNOM is 8.66k. This is the value
used to bias the NTC thermistor to get cold and hot trip
points of approximately 0°C and 45°C respectively. To
extend the delta between the cold and hot trip points, a
resistor, R1, can be added in series with RNTC (see Figure
6). The values of the resistors are calculated as follows:
R
RR
R
NOM
COLD
HOT
=
−
−
=
3 266 0 5325
0 5325
3 266
1
..
.
.
−
−
⎛
⎝⎜
⎞
⎠⎟
−
() −
0 5325
.
•R
R
R
COLD
HOT
HOT
where RNOM is the value of the bias resistor and RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the example from before with a
desired trip point of 50°C:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com