Electronic Components Datasheet Search
  English  ▼

X  

BQ2011K Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011K Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2011K Datasheet HTML 2Page - Texas Instruments BQ2011K Datasheet HTML 3Page - Texas Instruments BQ2011K Datasheet HTML 4Page - Texas Instruments BQ2011K Datasheet HTML 5Page - Texas Instruments BQ2011K Datasheet HTML 6Page - Texas Instruments BQ2011K Datasheet HTML 7Page - Texas Instruments BQ2011K Datasheet HTML 8Page - Texas Instruments BQ2011K Datasheet HTML 9Page - Texas Instruments BQ2011K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Therefore:
1800mAh * 0.002Ω = 3.6mVh
Select:
PFC = 35840 counts or 3.39mVh
SPFC = Z (float)
PROG1, PROG2=HorZ
PROG3 = L
PROG4=HorZ
The initial full battery capacity is 3.39mVh (1695mAh) un-
til the bq2011K “learns” a new capacity with a qualified
discharge from full to EDV.
3.
Nominal Available Charge (NAC):
NAC counts up during charge to a maximum value
of LMD and down during discharge and self dis-
charge to 0. NAC is reset to 0 on initialization and
on the first valid charge following discharge to EDV.
To prevent overstatement of charge during periods
of overcharge, NAC stops incrementing when NAC
= LMD.
Note:
NAC is set to the value in LMD when
PROG4 is pulled low during a reset.
6
bq2011K
Programmed
Full Count (PFC)
mVh
Scale
Display
Mode
SPFC
PROG1
PROG2
PROG3
40192
3.81
1
10560
Absolute
H
H or Z
H or Z
H or Z
32256
3.05
1
10560
Z
H or Z
H or Z
H or Z
28928
2.74
1
10560
L
H or Z
H or Z
H or Z
25856
2.45
1
10560
H
L
H or Z
H or Z
35840
3.39
1
10560
Z
L
H or Z
H or Z
23296
2.21
1
10560
L
L
H or Z
H or Z
Table 1. bq2011K Programmed Full Count mVh Selections
PROG4
NAC Reset Value
Self-Discharge
H or Z
NAC = 0
Enabled
L
NAC = PFC
Disabled
Table 2. Programmed Self-Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com