Electronic Components Datasheet Search
  English  ▼

X  

BQ2011K Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011K Datasheet(HTML) 4 Page - Texas Instruments

  BQ2011K Datasheet HTML 1Page - Texas Instruments BQ2011K Datasheet HTML 2Page - Texas Instruments BQ2011K Datasheet HTML 3Page - Texas Instruments BQ2011K Datasheet HTML 4Page - Texas Instruments BQ2011K Datasheet HTML 5Page - Texas Instruments BQ2011K Datasheet HTML 6Page - Texas Instruments BQ2011K Datasheet HTML 7Page - Texas Instruments BQ2011K Datasheet HTML 8Page - Texas Instruments BQ2011K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ternal bq2011K registers when VCC momentarily drops be-
low 3.0V. VCC is output on RBI when VCC is above 3.0V.
After VCC rises above 3.0V, the bq2011K checks the internal
registers for data loss or corruption. If data has changed,
then the NAC register is cleared, and the LMD register is
loaded with the initial PFC.
Voltage Thresholds
In conjunction with monitoring VSR for charge/discharge
currents, the bq2011K monitors the single-cell battery po-
tential through the SB pin. The single-cell voltage poten-
tial is determined through a resistor-divider network per
the following equation:
RB
RB
N
1
2
1
=−
where N is the number of cells, RB1 is connected to the
positive battery terminal, and RB2 is connected to the
negative battery terminal. The single-cell battery volt-
age is monitored for the end-of-discharge voltage (EDV)
and for maximum cell voltage (MCV). The EDV thresh-
old level is used to determine when the battery has
reached an “empty” state, and the MCV threshold is used
for fault detection during charging. The MCV threshold
for the bq2011K is fixed at:
VMCV = 2.00V
The EDV threshold varies as a function of discharge cur-
rent as follows:
Reset
Reset can be accomplished with a command over the se-
rial port as described on page 13.
Temperature
The bq2011K internally determines the temperature in
10°C steps centered from -35°C to +85°C. The tempera-
ture steps are used to adapt charge and discharge rate
compensations, self-discharge counting, and available
charge display translation.
The temperature range is
available over the serial port in 10°C increments as
shown below:
Layout Considerations
The bq2011K measures the voltage differential between
the SR and VSS pins. VOS (the offset voltage at the SR
pin) is greatly affected by PC board layout. For optimal
results, the PC board layout should follow the strict rule of
a single-point ground return.
Sharing high-current
ground with small signal ground causes undesirable noise
on the small signal nodes. Additionally:
I
The capacitors (SB and VCC) should be placed as
close as possible to the SB and VCC pins, respectively,
and their paths to VSS should be as short as possible.
A high-quality ceramic capacitor of 0.1
µf is
recommended for VCC.
I
The sense resistor (RS) should be as close as possible
to the bq2011K.
I
The R-C on the SR pin should be located as close as
possible to the SR pin. The maximum R should not
exceed 20K.
Gas Gauge Operation
The operational overview diagram in Figure 2 illus-
trates the operation of the bq2011K. The bq2011K accu-
mulates a measure of charge and discharge currents, as
well as an estimation of self-discharge. Charge currents
are temperature and rate compensated, whereas self-
discharge is only temperature compensated.
The main counter, Nominal Available Charge (NAC),
represents the available battery capacity at any given
time.
Battery charging increments the NAC register,
while battery discharging and self-discharge decrement
4
bq2011K
TMPGG (hex)
Temperature Range
0x
< -30°C
1x
-30°C to -20°C
2x
-20°C to -10°C
3x
-10°C to 0°C
4x
0°C to 10°C
5x
10°C to 20°C
6x
20°C to 30°C
7x
30°C to 40°C
8x
40°C to 50°C
9x
50°C to 60°C
Ax
60°C to 70°C
Bx
70°C to 80°C
Cx
> 80°C
VSRO (mV)
VEDV (V)
010
<≤
V
SRO
1.160
10
20
<≤
V
SRO
1.124
20
40
<≤
V
SRO
1.060
40
60
<≤
V
SRO
0.960
V
SRO > 60
0 (OVLD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com