Electronic Components Datasheet Search
  English  ▼

X  

BQ2013H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2013H
Description  Gas Gauge IC for Power- Assist Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2013H Datasheet(HTML) 1 Page - Texas Instruments

  BQ2013H Datasheet HTML 1Page - Texas Instruments BQ2013H Datasheet HTML 2Page - Texas Instruments BQ2013H Datasheet HTML 3Page - Texas Instruments BQ2013H Datasheet HTML 4Page - Texas Instruments BQ2013H Datasheet HTML 5Page - Texas Instruments BQ2013H Datasheet HTML 6Page - Texas Instruments BQ2013H Datasheet HTML 7Page - Texas Instruments BQ2013H Datasheet HTML 8Page - Texas Instruments BQ2013H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Features
➤ Accurate measurement of available
charge in rechargeable batteries
➤ Designed for electric assist bicycles
and other applications
➤ Measures a wide dynamic current
range
➤ Supports NiCd, NiMH or lead acid
➤ Designed for battery pack inte-
gration
- 120µA typical standby current
(self-discharge estimation mode)
- Small size enables imple-
mentations in as little as 1
2
square inch of PCB
➤ Direct drive of LEDs for capacity
display
➤ Automatic charge and self-
discharge compensation using in-
ternal temperature sensor
➤ Simple single-wire serial commu-
nications port for subassembly
testing
➤ 16-pin narrow SOIC
General Description
The bq2013H Gas Gauge IC is in-
tended for battery-pack installation to
maintain an accurate record of a bat-
tery’s available charge. The IC moni-
tors a voltage drop across a sense resis-
tor connected in series between the
negative battery terminal and ground
to determine charge and discharge ac-
tivity of the battery. The bq2013H is
designed for high cpaacity battery
packs used in high-discharge rate sys-
tems.
Battery self-discharge is estimated
based on an internal timer and tem-
perature sensor. Compensations for
battery temperature, rate of charge,
and self-discharge are applied to the
charge counter to provide available
capacity information across a wide
range of operating conditions. Initial
battery capacity, self-discharge rate,
display mode, and charge compensa-
tion are set using the PROG1-6 pins.
Actual battery capacity is automati-
cally “learned” in the course of a dis-
charge cycle from full to empty.
Nominal available charge may be
directly indicated using a five-seg-
ment LED display. These segments
are used to graphically indicate
nominal available charge.
The bq2013H supports a simple
single-line bi-directional serial link to
an external processor (common
ground). The bq2013H outputs bat-
tery information in response to exter-
nal commands over the serial link. To
support battery pack testing, the
outputs may also be controlled by
command. The external processor
may also overwrite some of the
bq2013H gas gauge data registers.
The bq2013H may operate directly
from four nickel cells or three lead
acid. With the REF output and an
external transistor, a simple, inexpen-
sive regulator can be built to provide
VCC from a greater number of cells.
Internal registers include available
charge, temperature, capacity, battery
ID, and battery status.
LCOM
LED common output
SEG1/PROG1 LED segment 1/ Program
1 input
SEG2/PROG2 LED segment 2 / Program
2 input
SEG3/PROG3 LED segment 3/ Program
3 input
SEG4/PROG4 LED segment 4/ Program
4 input
SEG5/PROG5 LED segment 5/ Program
5 input
PROG6
Program 6 input
REF
Voltage reference output
DONE
Fast charge complete
input
HDQ
Serial communications
input/output
RBI
Register backup input
SB
Battery sense input
DISP
Display control input
SR
Sense resistor input
VCC
Supply voltage
bq2013H
Pin Connections
Pin Names
1
PN2013.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
REF
DONE
HDQ
RBI
SB
DISP
SR
LCOM
SEG1/PROG1
SEG2/PROG2
SEG3/PROG3
SEG4/PROG4
SEG5PROG5
PROG6
VSS
Gas Gauge IC for Power-
Assist Applications
SLUS120–MAY 1999 B


Similar Part No. - BQ2013H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013H TI2-BQ2013H Datasheet
434Kb / 29P
Gas Gauge IC for Power- Assist Applications
REVISED - JANUARY 2014
BQ2013HSN-A514 TI-BQ2013HSN-A514 Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514 TI2-BQ2013HSN-A514 Datasheet
434Kb / 29P
Gas Gauge IC for Power- Assist Applications
REVISED - JANUARY 2014
BQ2013HSN-A514.B TI2-BQ2013HSN-A514.B Datasheet
434Kb / 29P
Gas Gauge IC for Power- Assist Applications
REVISED - JANUARY 2014
BQ2013HSN-A514G4 TI-BQ2013HSN-A514G4 Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
More results

Similar Description - BQ2013H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
Gas Gauge IC for High Discharge Rates
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
Texas Instruments
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
Gas Gauge IC for High Discharge Rates
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com